Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A165L-AYA-24D-1P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A165L-AYA-24D-1P
Description  Separate Construction with Cylindrical 16-dia. Body
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165L-AYA-24D-1P Datasheet(HTML) 2 Page - Omron Electronics LLC

  A165L-AYA-24D-1P Datasheet HTML 1Page - Omron Electronics LLC A165L-AYA-24D-1P Datasheet HTML 2Page - Omron Electronics LLC A165L-AYA-24D-1P Datasheet HTML 3Page - Omron Electronics LLC A165L-AYA-24D-1P Datasheet HTML 4Page - Omron Electronics LLC A165L-AYA-24D-1P Datasheet HTML 5Page - Omron Electronics LLC A165L-AYA-24D-1P Datasheet HTML 6Page - Omron Electronics LLC A165L-AYA-24D-1P Datasheet HTML 7Page - Omron Electronics LLC A165L-AYA-24D-1P Datasheet HTML 8Page - Omron Electronics LLC A165L-AYA-24D-1P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
A16
2
Model Number Structure
Model Number Legend ..... The model numbers used to order sets of Units are illustrated below. One set comprises the Pushbutton, Lamp
(lighted models only), Case, and Switch. For information on combinations, refer to Ordering Information on
pages 3 to 7.
(1) (2)
(3) (4) (5)
(6)
(7)
A16 5 L - J R M -
2 4 D - 2
(4) Color of Pushbutton
• Color illuminated models are also
available (see page 8).
• Order the parts separately.
Symbol
Color
RRed
YYellow
PY
Pure yellow
G
Green
WWhite
ABlue
PW
Pure white
B
Black (non-lighted
models only)
(1) Degree of Protection
(2) Lighted/Non-lighted
(3) Shape of Pushbutton
Symbol
Protection
No symbol
IP40
5
Oil-resistant
IP65
Symbol
Type
No symbol
Non-lighted
L
Lighted
Symbol
Shape
J
Rectan-
gular
2-way guard
A
Square 2-way guard
T
Round
Projecting
model
(7) Contact Configuration
• Only DPDT contacts are available with Screw-
Less Clamp.
• Consult your OMRON representative
concerning pricing and delivery timing for PCB
terminals and screw-less clamp connectors.
Symbol
Type
Terminal
1
SPDT
Solder Terminal
2DPDT
1P
SPDT
PCB Terminal
2P
DPDT
2S
DPDT
Screw-less Clamp
(5) Switch Operation
Momentary-operation:
Self-resetting
Alternate-operation:
Self-holding
Colored Illumination
The built-in
LED is colored.
Symbol
Operation
M
Momentary
A
Alternate
Unlit
Lit
White
Color
(6) Light Source
Voltage Reduction Unit (24-V Built-in LED)
• Solder terminals are available only with 100-V models.
• The Voltage Reduction Unit is not available for models with
PCB terminals.
• “T2” is available only for the Screw-less Clamp type.
Symbol
Type
Operating
voltage
Rated
voltage
No symbol
Non-lighted
5
Incan-
descent
lamp
5 VAC/VDC
6 VAC/VDC
12
12 VAC/VDC 14 VAC/VDC
24
24 VAC/VDC 28 VAC/VDC
5D
LED
5
± 5% VDC
5 VDC
12D
12
± 5%
VAC/VDC
12 VAC/VDC
24D
24
± 5%
VAC/VDC
24 VAC/VDC
Symbol
Type
Operating
voltage
Rated
voltage
T1
LED
100 to 110
VAC/VDC
100/110
VAC/VDC
T2
200 to 220
VAC/VDC
200/220
VAC/VDC


Similar Part No. - A165L-AYA-24D-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165L-AYA-24D-1P OMRON-A165L-AYA-24D-1P Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A165L-AYA-24D-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com