Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3079 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3079
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3079 Datasheet(HTML) 1 Page - API Technologies Corp

  TM3079 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ........................................................... + 8 Volts
Continuous RF Input Power ................................. + 10 dBm
Short Term RF Input Power ...... 20 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.2 Watt (3
µsec Max.)
Features
!
!
!
!
! Low +5 Volt Supply
!
!
!
!
! Wide 50 - 2000 MHz Bandwidth
!
!
!
!
! High Reverse Isolation
!
!
!
!
! Environmental Screening Available
RF AMPLIFIER
MODEL
TM3079
Available as:
TM3079, 4 Pin TO-8 (T4)
TN3079, 4 Pin Surface Mount (SM3)
BX3079, SMA Connectorized Housing (H1)
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +45 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +40 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +25 dBm (Typ.)
Frequency
50 - 2000 MHz
50 - 2000 MHz
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Gain (dB)
19.5
18 Min.
Out
1.8:1
2.0:1 Max.
VSWR
In
1.8:1
2.0:1 Max.
Noise Figure (dB)
4.0
5.5 Max.
Power
Vdc
+5
+5
mA
70
75 Max.
Power @ 1 dB
Comp.
+13
+12 Min.
04/07/06
2.0
1.5
1.0
2.0
1.5
1.0
2
6
5
4
3
21
19
17
+15
+14
+13
+12
+11
-20
-25
- 30
- 35
-40
20
18
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
Start 50 MHz
Stop 2000 MHz
Start 50 MHz
Stop 2000 MHz
Start 50 MHz
Stop 2000 MHz
Start 50 MHz
Stop 2000 MHz
Start 50 MHz
Stop 2000 MHz
Start 50 MHz
Stop 2000 MHz
Reverse
Isolation (dB)
-35
-30 Max.
======================================================================================
50
100
200
400
800
1200
1600
2000
.22
.22
.21
.20
.17
.12
.12
.29
-7
-11
-20
-39
-77
-116
-169
118
9.43
9.46
9.49
9.52
9.63
9.46
9.56
9.17
-3
-12
-27
-55
-112
-170
131
63
.0141
.0142
.0146
.0144
.0145
.0134
.0134
.0101
1
-1
-4
-6
-18
-38
-62
-99
.14
.14
.14
.14
.13
.12
.10
.15
178
176
173
167
153
141
140
169
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM3079

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM3079 SPECTRUM-TM3079 Datasheet
40Kb / 1P
   RF AMPLIFIER
More results

Similar Description - TM3079

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com