Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV020-12CC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27BV020-12CC
Description  2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV020-12CC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT27BV020-12CC Datasheet HTML 2Page - ATMEL Corporation AT27BV020-12CC Datasheet HTML 3Page - ATMEL Corporation AT27BV020-12CC Datasheet HTML 4Page - ATMEL Corporation AT27BV020-12CC Datasheet HTML 5Page - ATMEL Corporation AT27BV020-12CC Datasheet HTML 6Page - ATMEL Corporation AT27BV020-12CC Datasheet HTML 7Page - ATMEL Corporation AT27BV020-12CC Datasheet HTML 8Page - ATMEL Corporation AT27BV020-12CC Datasheet HTML 9Page - ATMEL Corporation AT27BV020-12CC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AT27BV020
8
AC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Notes:
1.
V
CC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2.
This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven
—see timing diagram.
3.
Program Pulse width tolerance is 100
µsec ± 5%.
Atmel’s 27BV020 Integrated Product Identification Code(1)
Note:
The AT27BV020 has the same Product Identification Code as the AT27C020. Both are programming compatible.
Symbol
Test Conditions
(1)
AC Conditions of Test
Limits
Units
Parameter
Min
Max
t
AS
Address Setup Time
Input Rise and Fall Times
(10% to 90%) 20ns
Input Pulse Levels
0.45V to 2.4V
Input Timing Reference Level
0.8V to 2.0V
Output Timing Reference Level
0.8V to 2.0V
2
µs
t
CES
CE Setup Time
2
µs
t
OES
OE Setup Time
2
µs
t
DS
Data Setup Time
2
µs
t
AH
Address Hold Time
0
µs
t
DH
Data Hold Time
2
µs
t
DFP
OE High to Output Float Delay(3)
0
130
ns
t
VPS
V
PP Setup Time
2
µs
t
VCS
V
CC Setup Time
2
µs
t
PW
PGM Program Pulse Width(2)
95
105
µs
t
OE
Data Valid from OE
150
ns
t
PRT
V
PP Pulse Rise Time During
Programming
50
ns
Codes
Pins
Hex
Data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
000011110
1E
Device Type
110000110
86


Similar Part No. - AT27BV020-12CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020-90JI ATMEL-AT27BV020-90JI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90JU ATMEL-AT27BV020-90JU Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TI ATMEL-AT27BV020-90TI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TU ATMEL-AT27BV020-90TU Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90VI ATMEL-AT27BV020-90VI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results

Similar Description - AT27BV020-12CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV256 ATMEL-AT27BV256_07 Datasheet
420Kb / 15P
   256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
   4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com