Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV040-15TI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27BV040-15TI
Description  4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV040-15TI Datasheet(HTML) 7 Page - ATMEL Corporation

  AT27BV040-15TI Datasheet HTML 1Page - ATMEL Corporation AT27BV040-15TI Datasheet HTML 2Page - ATMEL Corporation AT27BV040-15TI Datasheet HTML 3Page - ATMEL Corporation AT27BV040-15TI Datasheet HTML 4Page - ATMEL Corporation AT27BV040-15TI Datasheet HTML 5Page - ATMEL Corporation AT27BV040-15TI Datasheet HTML 6Page - ATMEL Corporation AT27BV040-15TI Datasheet HTML 7Page - ATMEL Corporation AT27BV040-15TI Datasheet HTML 8Page - ATMEL Corporation AT27BV040-15TI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
0346G–EPROM–12/07
AT27BV040
11. Input Test Waveforms and Measurement Levels
12. Output Test Load
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
t
R, tF < 20 ns (10% to 90%)
Note: CL = 100 pF including
jig capacitance.
13. Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Symbol
Typ
Max
Units
Conditions
C
IN
48
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT27BV040-15TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV040-12JI ATMEL-AT27BV040-12JI Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV040-12TI ATMEL-AT27BV040-12TI Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV040-12VI ATMEL-AT27BV040-12VI Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
More results

Similar Description - AT27BV040-15TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
   4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
   8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com