Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C020-55JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C020-55JC
Description  2-Megabit 256K x 8 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C020-55JC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C020-55JC Datasheet HTML 1Page - ATMEL Corporation AT27C020-55JC Datasheet HTML 2Page - ATMEL Corporation AT27C020-55JC Datasheet HTML 3Page - ATMEL Corporation AT27C020-55JC Datasheet HTML 4Page - ATMEL Corporation AT27C020-55JC Datasheet HTML 5Page - ATMEL Corporation AT27C020-55JC Datasheet HTML 6Page - ATMEL Corporation AT27C020-55JC Datasheet HTML 7Page - ATMEL Corporation AT27C020-55JC Datasheet HTML 8Page - ATMEL Corporation AT27C020-55JC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AT27C020
4
AC Characteristics for Read Operation
Note:
1. 2, 3, 4, 5. See AC Waveforms for Read Operation diagram.
Symbol
Parameter
AT27C020
Units
-55
-70
-90
-12
-15
Condition
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
ACC
(3)
Address to Output Delay
CE =OE
= V
IL
55
70
90
120
150
ns
t
CE
(2)
CE to Output Delay
OE = V
IL
55
70
90
120
150
ns
t
OE
(2)(3)
OE to Output Delay
CE = V
IL
20
30
35
35
40
ns
t
DF
(4)(5)
OE or CE High
to Output Float,
whichever occurred first
18
20
20
30
40
ns
t
OH
Output Hold
from Address, CE
or OE,whichever
occurred first
77
000
ns
DC and AC Operating Conditions for Read Operation
AT27C020
-55
-70
-90
-12
-15
Operating Temperature
(Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40
°C - 85C
-40
°C - 85C
-40
°C - 85C
-40
°C - 85C
-40
°C - 85C
V
CC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Notes:
1. V
CC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. V
PP may be connected directly to VCC except during programming. The supply current would then be the sum of ICC and IPP.
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC (Com., Ind.)
±1.0
µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC (Com., Ind.)
±5.0
µA
I
PP
(2)
V
PP
(1) Read/Standby Current
V
PP = VCC
±10
µA
I
SB
V
CC
(1) Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1.0
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
25
mA
V
IL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V


Similar Part No. - AT27C020-55JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020-55JI ATMEL-AT27C020-55JI Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020-55JU ATMEL-AT27C020-55JU Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results

Similar Description - AT27C020-55JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com