Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJY107K035B Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJY107K035B
Description  TAJ Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJY107K035B Datasheet(HTML) 4 Page - AVX Corporation

  TAJY107K035B Datasheet HTML 1Page - AVX Corporation TAJY107K035B Datasheet HTML 2Page - AVX Corporation TAJY107K035B Datasheet HTML 3Page - AVX Corporation TAJY107K035B Datasheet HTML 4Page - AVX Corporation TAJY107K035B Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
24
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJT156*010#
T
15
10
1.5
8
2.8
TAJW156*010#
W
15
10
1.5
6
0.7
TAJT226*010#
T
22
10
2.2
8
2.2
TAJW226*010#
W
22
10
2.2
6
0.6
TAJW336*010#
W
33
10
3.3
6
1.6
TAJW476*010#
W
47
10
4.7
6
1.4
TAJY476*010#
Y
47
10
4.7
6
0.5
TAJY686*010#
Y
68
10
6.8
6
0.9
TAJW686*010#
W
68
10
6.8
6
1.3
TAJW107*010#
W
100
10
10
6
0.4
TAJX107*010#
X
100
10
10
8
0.9
TAJY107*010#
Y
100
10
10
6
0.9
TAJF157*010#
F
150
10
15
10
0.3
TAJX157M010#
X
150
10
15
6
0.3
TAJY157*010#
Y
150
10
15
6
1.2
TAJY227*010#
Y
220
10
22
10
0.5
TAJR684*016#
R
0.68
16
0.5
4
25
TAJS684*016#
S
0.68
16
0.5
4
25
TAJR105*016#
R
1
16
0.5
4
20
TAJS105*016#
S
1
16
0.5
4
15
TAJT105*016#
T
1
16
0.5
4
5
TAJR155*016#
R
1.5
16
0.5
6
10
TAJS155*016#
S
1.5
16
0.5
6
12
TAJR225*016#
R
2.2
16
0.5
6
6.5
TAJS225*016#
S
2.2
16
0.5
6
6
TAJT225*016#
T
2.2
16
0.5
6
6.5
TAJR335*016#
R
3.3
16
0.5
8
5
TAJS335*016#
S
3.3
16
0.5
6
5
TAJT335*016#
T
3.3
16
0.5
6
5
TAJK475*016#
K
4.7
16
0.8
6
3.1
TAJP475*016#
P
4.7
16
0.8
8
5
TAJS475*016#
S
4.7
16
0.8
8
4.5
TAJT475*016#
T
4.7
16
0.8
6
3.1
TAJS685*016#
S
6.8
16
1.1
8
2.4
TAJT685*016#
T
6.8
16
1.1
6
3.5
TAJT106*016#
T
10
16
1.6
8
2.2
TAJW106*016#
W
10
16
1.6
6
2
TAJT156M016#
T
15
16
2.4
6
2
TAJW156*016#
W
15
16
2.4
6
0.7
TAJW226*016#
W
22
16
3.5
6
1.6
TAJW336*016#
W
33
16
5.3
6
1.5
TAJY336*016#
Y
33
16
5.3
6
0.9
TAJW476*016#
W
47
16
7.5
6
0.4
TAJX476*016#
X
47
16
7.5
6
0.9
TAJY476*016#
Y
47
16
7.5
6
0.7
TAJF686*016#
F
68
16
10.9
10
0.4
TAJX686*016#
X
68
16
10.9
8
0.6
TAJY686*016#
Y
68
16
10.9
6
0.9
TAJF107M016#
F
100
16
16
10
0.4
TAJY107*016#
Y
10
16
16
8
0.9
TAJ157M016#
Y
150
16
24
15
03
TAJR104*020#
R
0.1
20
0.5
4
25
TAJS104*020#
S
0.1
20
0.5
4
25
TAJR154*020#
R
0.15
20
0.5
4
25
TAJS154*020#
S
0.15
20
0.5
4
25
TAJR224*020#
R
0.22
20
0.5
4
25
TAJS224*020#
S
0.22
20
0.5
4
25
TAJR334*020#
R
0.33
20
0.5
4
25
TAJS334*020#
S
0.33
20
0.5
4
25
TAJR474*020#
R
0.47
20
0.5
4
25
TAJS474*020#
S
0.47
20
0.5
4
25
TAJR684*020#
R
0.68
20
0.5
4
20
TAJS684*020#
S
0.68
20
0.5
4
25
TAJT684*020#
T
0.68
20
0.5
4
15
TAJR105*020#
R
1
20
0.5
4
20
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJS105*020#
S
1
20
0.5
4
12
TAJT105*020#
T
1
20
0.5
4
9
TAJP155*020#
P
1.5
20
0.5
6
9.6
TAJR155*020#
R
1.5
20
0.5
6
9.6
TAJS155*020#
S
1.5
20
0.5
6
5.4
TAJT155*020#
T
1.5
20
0.5
6
6.5
TAJP225*020#
P
2.2
20
0.5
6
8.3
TAJR225*020#
R
2.2
20
0.5
6
6
TAJS225*020#
S
2.2
20
0.5
6
4.5
TAJT225*020#
T
2.2
20
0.5
6
6
TAJT335*020#
T
3.3
20
0.7
6
3
TAJT475*020#
T
4.7
20
0.9
6
3.1
TAJT685*020#
T
6.8
20
1.4
6
2.6
TAJW106*020#
W
10
20
2
6
1.9
TAJW156*020#
W
15
20
3
6
1.7
TAJY226*020#
Y
22
20
4.4
6
0.9
TAJW226*020#
W
22
20
4.4
6
1.6
TAJX336*020#
X
33
20
6.6
6
0.5
TAJY336*020#
Y
33
20
6.6
6
0.6
TAJX476*020#
X
47
20
9.4
6
0.4
TAJY476*020#
Y
47
20
9.4
6
0.9
TAJY686*020#
Y
68
20
13.6
6
0.9
TAJR154*025#
R
0.15
25
0.5
4
24
TAJR224*025#
R
0.22
25
0.5
4
21
TAJR334*025#
R
0.33
25
0.5
4
17
TAJR474*025#
R
0.47
25
0.5
4
15
TAJS474*025#
S
0.47
25
0.5
4
14
TAJR684*025#
R
0.68
25
0.5
4
13
TAJS684*025#
S
0.68
25
0.5
4
10
TAJP105*025#
P
1
25
0.5
4
11
TAJR105*025#
R
1
25
0.5
4
8
TAJS105*025#
S
1
25
0.5
4
8
TAJP105*025#
P
1.5
25
0.5
6
9.6
TAJS155*025#
S
1.5
25
0.5
6
5.4
TAJT155*025#
T
1.5
25
0.5
6
5
TAJT225*025#
T
2.2
25
0.6
6
4.5
TAJT335*025#
T
3.3
25
0.8
6
3.5
TAJW335*025#
W
3.3
25
0.8
6
1.6
TAJT475*025#
T
4.7
25
1.2
6
3.1
TAJW475*025#
W
4.7
25
1.2
6
1.2
TAJW685*025#
W
6.8
25
1.7
6
2
TAJW106*025#
W
10
25
2.5
6
1.8
TAJY156*025#
Y
15
25
3.8
6
1
TAJY226*025#
Y
22
25
5.5
6
0.9
TAJY336*025#
Y
33
25
8.3
6
0.5
TAJY476*025#
Y
47
25
11.8
6
0.9
TAJR104*035#
R
0.1
35
0.5
4
29
TAJS104*035#
S
0.1
35
0.5
4
24
TAJR154*035#
R
0.15
35
0.5
4
24
TAJS154*035#
S
0.15
35
0.5
4
21
TAJR224*035#
R
0.22
35
0.5
4
21
TAJS224*035#
S
0.22
35
0.5
4
18
TAJR334*035#
R
0.33
35
0.5
4
17
TAJS334*035#
S
0.33
35
0.5
4
15
TAJR474*035#
R
0.47
35
0.5
4
15
TAJS474*035#
S
0.47
35
0.5
4
12
TAJT474*035#
T
0.47
35
0.5
4
10
TAJP684*035#
P
0.68
35
0.5
4
13
TAJS684*035#
S
0.68
35
0.5
4
8
TAJT684*035#
T
0.68
35
0.5
4
8
TAJP105*035#
P
1
35
0.5
4
11
TAJS105*035#
S
1
35
0.5
4
7.5
TAJT105*035#
T
1
35
5
4
6.5
TAJT155*035#
T
1.5
35
0.5
6
5.2
TAJT225*035#
T
2.2
35
0.8
6
4.2
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20%
# Standard Plating
– Insert R for 7" reel and S for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a
higher voltage rating or tighter toler-
ance part in the same case size, to the
same reliability standards.


Similar Part No. - TAJY107K035B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJY107K016RNJ AVX-TAJY107K016RNJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJY107K035B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJS105K010RNJ AVX-TAJS105K010RNJ Datasheet
120Kb / 5P
   TAJ Series
TAJA684K025RNJ AVX-TAJA684K025RNJ Datasheet
118Kb / 5P
   TAJ Series
TAJD106M025RNJ AVX-TAJD106M025RNJ Datasheet
140Kb / 8P
   TAJ Series
TAJE107M025RNJ AVX-TAJE107M025RNJ Datasheet
143Kb / 8P
   TAJ Series
TAJC226M016R AVX-TAJC226M016R Datasheet
118Kb / 5P
   TAJ Series
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA475K025RNJ AVX-TAJA475K025RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD106K050RNJ AVX-TAJD106K050RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJE227K016RNJ AVX-TAJE227K016RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJA105K016RNJ AVX-TAJA105K016RNJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com