Electronic Components Datasheet Search |
|
73820 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
73820 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 4 page Installation Follow the directions below for proper installation and grounding of the Statshield® smock. 1. Put on the smock and fasten all of the snaps on the front of the smock, making sure that clothing is not exposed outside of the smock. 2. Throughout use, it is essential that conductive cuff (or the wristband) be in contact with operator’s skin; the conductive cuff (or the wristband) should never be allowed to be pulled up and over shirt sleeve. 3. Install a coil cord to the snap stud located above the left hand hip pocket. Connect the other end of the coil cord to a verified ground point or continuous monitor. Grounding Integrity Testing For daily testing or continuous monitoring of the grounding integrity of Statshield® smocks and ground cords, we recommend testing the smock while worn and the use of a standard wrist strap testers or single-wire workstation continuous monitors. Panel-to-panel conductivity is essential so as not to leave portions of the smock as isolated charged conductors. Panel-to-panel conductivity is easy to test using our Surface Resistance Meter Kit Item # 19787. Place the two five-pound electrodes on different panels to test. Unless properly grounded, the smocks can hold a charge and become a possible source for discharge to ESD sensitive items. For additional information, refer to ANSI/ESD S20.20, ESD TR20.20, ESD TR53 and the Garment Standard, ANSI/ESD STM2.1. Desco has several testers available for this purpose. For more information ask for specification drawings or operating instruction manuals by item number. TB-2055 Page 3 of 4 © 2013 DESCO INDUSTRIES INC. Employee Owned DESCO WEST - 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178 DESCO EAST - One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com Figure 5. Testing and monitoring of smock and ground cord assembly YES! YES! NO! NO! Figure 3. Proper installation of smock wearer’s body Figure 4. Grounding the smock Figure 6. Testers NOTE: ANSI/ESD S20.20 RECOMMENDS THAT THE GROUND COIL CORD SELECTED FOR GROUNDING OF PERSONNEL CONTAIN A BUILT-IN CURRENT LIMITING 1 MEGOHM RESISTOR. Heat Sealed Patches It is possible to heat seal patches to our smocks. The patch should be small and the smock should be tested before and after application. 19276 & 19277 19784 19787 |
Similar Part No. - 73820 |
|
Similar Description - 73820 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |