Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV256-10PC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT17LV256-10PC
Description  FPGA Configuration E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV256-10PC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT17LV256-10PC Datasheet HTML 2Page - ATMEL Corporation AT17LV256-10PC Datasheet HTML 3Page - ATMEL Corporation AT17LV256-10PC Datasheet HTML 4Page - ATMEL Corporation AT17LV256-10PC Datasheet HTML 5Page - ATMEL Corporation AT17LV256-10PC Datasheet HTML 6Page - ATMEL Corporation AT17LV256-10PC Datasheet HTML 7Page - ATMEL Corporation AT17LV256-10PC Datasheet HTML 8Page - ATMEL Corporation AT17LV256-10PC Datasheet HTML 9Page - ATMEL Corporation AT17LV256-10PC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AT17 Series
9
AC Characteristics
V
CC = 3.3V ± 10%
Notes:
1. Preliminary specifications for military operating range only.
2. AC test lead = 50 pf.
3. Float delays are measured with 5 pF AC loads. Transition is measured
±200 mV afrom steady state active levels.
4. During cascade F
MAX = 8 MHz.
Symbol
Description
Commercial
Industrial/Military
Units
Min
Max
Min
Max
T
OE
(2)
OE to Data Delay
40
45
ns
T
CE
(2)
CE to Data Delay
60
60
ns
T
CAC
(2)
CLK to Data Delay
75
80
ns
T
OH
(2)
Data Hold From CE, OE, or CLK
0
0
ns
T
DF
(3)
CE or OE to Data Float Delay
55
55
ns
T
LC
CLK Low Time
25
25
ns
T
HC
CLK High Time
25
25
ns
T
SCE
CE Setup Time to CLK (to guarantee proper counting)
35
60
ns
T
HCE
CE Hold Time to CLk (to guarantee proper counting)
0
0
ns
T
HOE
OE High Time (guarantees counter is reset)
25
25
ns
F
MAX
(4)
MAX Input Clock Frequency
10
8
10
MHz
AC Characteristics When Cascading
V
CC = 3.3V ± 10%
Symbol
Description
Commercial
Industrial/Military
Units
Min
Max
Min
Max
T
CDF
(3)
CLK to Data Float Delay
60
60
ns
T
OCK
(2)
CLK to CEO Delay
55
60
ns
T
OCE
(2)
CE to CEO Delay
55
60
ns
T
OOE
(2)
RESET/OE to CEO Delay
40
45
ns


Similar Part No. - AT17LV256-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV256-10PC ATMEL-AT17LV256-10PC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV256-10PC ATMEL-AT17LV256-10PC Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV256-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C512 ATMEL-AT17C512 Datasheet
113Kb / 9P
   FPGA Configuration E2PROM Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com