Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM2512 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSM2512
Description  Molded Metal Plate Sensing Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSM2512 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSM2512 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSM2512 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSM Series
Molded Metal Plate Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Rev Date: 04/13/2012
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
1
2
3
4
5
6
7
8
9
10
11
12
13
C
S
M
2
5
1
2F
T
1
0L
0
1%, 5%
CSM0603
0.33W
(P*R)
1/2
V = √P*R
±100 ppm/ºC
0.01
CSM2512
3W
(P*R)
1/2
V = √P*R
±75 ppm/ºC
0.002 - 0.1
Operation Temperature Range: -55ºC ~ +170ºC
Resistance
Temperature
Coefficient
Ohmic Range (Ω) and Tolerance
Rated Voltage
Maximum Working
Voltage
Type / Code
Power Rating
(Watt)
V=Rated Voltage (V)
P=Rated Power (W)
R=Resistance Value (Ω)
0.063 ± 0.004
0.031 ± 0.004
0.008 ± 0.004
0.012 ± 0.004
0.012 ± 0.004
inches
1.60 ± 0.10
0.80 ± 0.10
0.20 ± 0.10
0.30 ± 0.10
0.30 ± 0.10
mm
0.252 ± 0.008
0.126 ± 0.008
0.035 ± 0.008
0.028 ± 0.008
0.035 ± 0.008
inches
6.40 ± 0.20
3.20 ± 0.20
0.90 ± 0.20
0.70 ± 0.20
0.90 ± 0.20
mm
CSM2512
H
Type / Code
L
W
C
Unit
d
CSM0603
Size
0603
Code
Tol
Code
Quantity
2512
F
1%
5,000
J5%
4,000
2512
T
0603
0.002 = 2L00
Four characters with the multiplier
used as the decimal holder.
"L" used as multiplier of 10
3 for any
value under 0.1 ohm
0.01 = 10L0
0.1 ohm = R100
Emboss
Paper Tape
CSM
Molded Metal Plate
Sensing Resistor
0.33W
3W
Size
Product Series
Power
Tolerance
Resistance Value
Packaging
Description
Features:
Electrical Specification
• High power metal alloy current sense resistor
• Molded package for superior heat dissipation
• Typical inductance <5nH
• Ideal for power supplies and motor drives
Electrical Specifications
Mechanical Specifications
How to Order


Similar Part No. - CSM2512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSM2512 VISHAY-CSM2512 Datasheet
2Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
Revision: 3-May-11
CSM2512 VISHAY-CSM2512 Datasheet
2Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
Revision: 3-May-11
logo
Stackpole Electronics, ...
CSM2512 SEI-CSM2512 Datasheet
344Kb / 6P
   Molded Metal Plate Sensing Resistor
8/17/2022
CSM2512FT10L0 SEI-CSM2512FT10L0 Datasheet
344Kb / 6P
   Molded Metal Plate Sensing Resistor
8/17/2022
CSM2512FT1L00 SEI-CSM2512FT1L00 Datasheet
344Kb / 6P
   Molded Metal Plate Sensing Resistor
8/17/2022
More results

Similar Description - CSM2512

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
   Molded Metal Plate Sensing Resistor
8/17/2022
CSNL2512-3W SEI-CSNL2512-3W Datasheet
327Kb / 5P
   Metal Plate Current Sensing Chip Resistor
4/18/2022
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
   Metal Plate Current Sensing Resistors
008-0336-0 CTS-008-0336-0 Datasheet
166Kb / 3P
   Current Sensing Resistors ??Metal Plate
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
   Flameproof Metal Plate Resistor
12/03/2020
logo
C&B ELECTRONICS (SHENZH...
PCSK RESI-PCSK Datasheet
1Mb / 2P
   Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
   Molded Precision Current Sensing Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
List of Unclassifed Man...
BPR56 ETC-BPR56 Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com