Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEA-6S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEA-6S
Description  compact solution for adding GPS functionality to your device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA-6S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEA-6S Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA-6S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1. Introduction
GPS Click is an accessory board in mikroBus™
form factor. It’s a compact solution for
adding GPS functionality to your device. It
features LEA-6S, high performance u-blox 6
positioning engine. Board can be interfaced
with a microcontroller through UART or I2C
connection, or data can be acquired using PC
application through USB connection. Board
features connector compatible with active
and passive antennas. It can operate on
3.3V power supply only.
Once you have soldered the headers your
board is ready to be placed into desired
mikroBUS™ socket. Make sure to align the
cut in the lower-right part of the board
with the markings on the silkscreen at the
mikroBUS™ socket. If all the pins are aligned
correctly, push the board all the way
into the socket.
3. Plugging the board in
2
3
2. Soldering the headers
1
4. Features and applications
GPS Click board with it’s LEA-6S module
features acquisition down to 1s, –147dBm
coldstart sensitivity and 5Hz update rate.
You can achive low power consumption
due to intelligent, user configurable power
management. Mentioned features make
this board ideal for asset tracking, road
navigation devices, public transportation
vehicle information systems and more.
Turn the board upward again. Make sure
to align the headers so that they are
perpendicular to the board, then solder the
pins carefully.
Turn the board upside down, so that
bottom side is facing you upwards. Place
shorter parts of the header pins in the
both soldering pad locations.
GPS click
Before using your click board, make sure
to solder the provided 1x8 male headers
to both sides of the board. Two 1x8 male
headers are included with the board in
the package.
click
BOARD
www.mikroe.com
GPS click Manual
ver. 1.00


Similar Part No. - LEA-6S

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LEA-18C PAIRUI-LEA-18C Datasheet
499Kb / 4P
   Constant crurrent LED Drivers
LEA-18V PAIRUI-LEA-18V Datasheet
503Kb / 4P
   Constant voltage LED Drivers
logo
u-blox AG
LEA-M8T U-BLOX-LEA-M8T Datasheet
1Mb / 36P
   M8 concurrent GNSS timing modules
LEA-M8T-0-10 U-BLOX-LEA-M8T-0-10 Datasheet
1Mb / 36P
   M8 concurrent GNSS timing modules
LEA-M8T-1-00 U-BLOX-LEA-M8T-1-00 Datasheet
1Mb / 36P
   M8 concurrent GNSS timing modules
More results

Similar Description - LEA-6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX31855K ETC2-MAX31855K Datasheet
482Kb / 2P
   It?셲 a compact solution for adding thermocouple to your device.
logo
Panasonic Semiconductor
BQ-345A4K PANASONIC-BQ-345A4K Datasheet
73Kb / 1P
   Your Power Solution
logo
Future Technology Devic...
VDRIVE2 FTDI-VDRIVE2 Datasheet
935Kb / 8P
   an easy solution for adding a USB Flash disk interface to an existing product
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
logo
Silicon Laboratories
AN497 SILABS-AN497 Datasheet
1Mb / 10P
   ADDING OVERCURRENT PROTECTION TO ISODRIVERS
logo
Microchip Technology
MCP1650 MICROCHIP-MCP1650_10 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
logo
Lumileds Lighting Compa...
PB131 LUMILEDS-PB131 Datasheet
1Mb / 2P
   Integrated functionality for headlight solutions
logo
Maxim Integrated Produc...
MAX16141EVKIT MAXIM-MAX16141EVKIT Datasheet
433Kb / 8P
   Demonstrates Compact Solution Size
Rev 1; 12/19
logo
RSG Electronic Componen...
0415B24180 RSG-0415B24180 Datasheet
114Kb / 1P
   Your right power solution for LCD TV, NB PC & various IT/AV applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com