Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-70JI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT27C040-70JI
Description  4-Megabit 512K x 8 OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-70JI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT27C040-70JI Datasheet HTML 5Page - ATMEL Corporation AT27C040-70JI Datasheet HTML 6Page - ATMEL Corporation AT27C040-70JI Datasheet HTML 7Page - ATMEL Corporation AT27C040-70JI Datasheet HTML 8Page - ATMEL Corporation AT27C040-70JI Datasheet HTML 9Page - ATMEL Corporation AT27C040-70JI Datasheet HTML 10Page - ATMEL Corporation AT27C040-70JI Datasheet HTML 11Page - ATMEL Corporation AT27C040-70JI Datasheet HTML 12Page - ATMEL Corporation AT27C040-70JI Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
AT27C040
0189F–EPROM–4/03
32P6 – PDIP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
32P6, 32-lead (0.600"/15.24 mm Wide) Plastic Dual
Inline Package (PDIP)
B
32P6
09/28/01
PIN
1
E1
A1
B
REF
E
B1
C
L
SEATING PLANE
A
0º ~ 15º
D
e
eB
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
4.826
A1
0.381
D
41.783
42.291
Note 1
E
15.240
15.875
E1
13.462
13.970
Note 1
B
0.356
0.559
B1
1.041
1.651
L
3.048
3.556
C
0.203
0.381
eB
15.494
17.526
e
2.540 TYP
Note:
1. Dimensions D and E1 do not include mold Flash or Protrusion.
Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").


Similar Part No. - AT27C040-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-70JI ATMEL-AT27C040-70JI Datasheet
354Kb / 14P
   4-Megabit
AT27C040-70JI ATMEL-AT27C040-70JI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results

Similar Description - AT27C040-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com