Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C32N-10SI-2.5 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C32N-10SI-2.5
Description  2-Wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32N-10SI-2.5 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C32N-10SI-2.5 Datasheet HTML 6Page - ATMEL Corporation AT24C32N-10SI-2.5 Datasheet HTML 7Page - ATMEL Corporation AT24C32N-10SI-2.5 Datasheet HTML 8Page - ATMEL Corporation AT24C32N-10SI-2.5 Datasheet HTML 9Page - ATMEL Corporation AT24C32N-10SI-2.5 Datasheet HTML 10Page - ATMEL Corporation AT24C32N-10SI-2.5 Datasheet HTML 11Page - ATMEL Corporation AT24C32N-10SI-2.5 Datasheet HTML 12Page - ATMEL Corporation AT24C32N-10SI-2.5 Datasheet HTML 13Page - ATMEL Corporation AT24C32N-10SI-2.5 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AT24C32/64
10
AT24C32 Ordering Information
tWR (max)
(ms)
ICC (max)
(
µµµµA)
ISB (max)
(
µµµµA)
fMAX
(kHz)
Ordering Code
Package
Operation Range
10
3000
35
400
AT24C32-10PC
AT24C32N-10SC
AT24C32W-10SC
AT24C32-10TC
AT24C32-10SC
8P3
8S1
8S2
8T
14S
Commercial
(0
°C to 70°C)
3000
35
400
AT24C32-10PI
AT24C32N-10SI
AT24C32W-10SI
AT24C32-10TI
AT24C32-10SI
8P3
8S1
8S2
8T
14S
Industrial
(-40
°C to 85°C)
10
1500
0.5
100
AT24C32-10PC-2.7
AT24C32N-10SC-2.7
AT24C32W-10SC-2.7
AT24C32-10TC-2.7
AT24C32-10SC-2.7
8P3
8S1
8S2
8T
14S
Commercial
(0
°C to 70°C)
1500
0.5
100
AT24C32-10PI-2.7
AT24C32N-10SI-2.7
AT24C32W-10SI-2.7
AT24C32-10TI-2.7
AT24C32-10SI-2.7
8P3
8S1
8S2
8T
14S
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-Lead, 0.200" Wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8T
8-Lead, 0.170" Wide, Plastic Gull Wing Small Outline (TSSOP)
14S
14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC)
Options
Blank
Standard Operation (4.5V to 5.5V)
-2.7
Low Voltage (2.7V to 5.5V)
-2.5
Low Voltage (2.5V to 5.5V)
-1.8
Low Voltage (1.8V to 5.5V)


Similar Part No. - AT24C32N-10SI-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C32A ATMEL-AT24C32A Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT24C32N-10SI-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com