Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

293D476004C Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 293D476004C
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D476004C Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 293D476004C Datasheet HTML 6Page - Vishay Siliconix 293D476004C Datasheet HTML 7Page - Vishay Siliconix 293D476004C Datasheet HTML 8Page - Vishay Siliconix 293D476004C Datasheet HTML 9Page - Vishay Siliconix 293D476004C Datasheet HTML 10Page - Vishay Siliconix 293D476004C Datasheet HTML 11Page - Vishay Siliconix 293D476004C Datasheet HTML 12Page - Vishay Siliconix 293D476004C Datasheet HTML 13Page - Vishay Siliconix 293D476004C Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
293D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
10
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperatures below + 85 °C)
STANDARD CONDITIONS. FOR EXAMPLE: OUTPUT FILTERS
Capacitor Voltage Rating
Operating Voltage
4.0
2.5
6.3
3.6
10
6.0
16
10
20
12
25
15
35
24
50
28
63
36
SEVERE CONDITIONS. FOR EXAMPLE: INPUT FILTERS
Capacitor Voltage Rating
Operating Voltage
4.0
2.5
6.3
3.3
10
5.0
16
8.0
20
10
25
12
35
15
50
24
63
31
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
0.1
100
10
1
100M
1K
10K
100K
1M
10M
IMPEDANCE
ESR
4.7 μF, 10 V
DC-B CASE
4.7 μF, 10 V
DC-D CASE
FREQUENCY Hz
0.1
100
10
1
100M
1K
10K
100K
1M
10M
FREQUENCY Hz
IMPEDANCE
ESR
10 μ F, 16 V
DC-C CASE
0.1
100
10
1
100M
1K
10K
100K
1M
10M
FREQUENCY Hz
IMPEDANCE
ESR
22 μF, 20 V
DC-D CASE
6.8 μF, 20 V
DC-C CASE
0.1
100
10
1
100M
1K
10K
100K
1M
10M
FREQUENCY Hz
IMPEDANCE
ESR
1 μF, 35 V
DC-B CASE
6.8 μF, 35 V
DC-D CASE


Similar Part No. - 293D476004C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D476004C VISHAY-293D476004C Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
More results

Similar Description - 293D476004C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com