Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP3013 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP3013
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP3013 Datasheet(HTML) 1 Page - API Technologies Corp

  FP3013 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
03/15/06
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +56 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +50 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +37 dBm (Typ.)
RF AMPLIFIER
MODEL
TM3013
Features
! High Output Power with Low Noise Figure
! High Third Order Intercept: +37 dBm Typical
! Operating Temp. - 55 ºC to + 85 ºC
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 1700 MHz
10 - 1700 MHz
Gain (dB)
14.0
13.0 Min.
Power @ 1 dB
Comp. (dBm)
>+23.0
+22.5 Min.
Reverse
Isolation (dB)
- 20
-18 Max.
VSWR
In
<1.8:1
2:0:1 Max.
Out
<1.5:1
2:0:1 Max.
Noise Figure (dB) *
<2.5
3.2 Max.
Power
Vdc
+15
+15
mA
108
115 Max.
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Available as:
TM3013, 4 Pin TO-8 (T4)
TN3013, 4 Pin Surface Mount (SM3)
FP3013, 4 Pin Flatpack (FP4)
BX3013, Connectorized Housing (H1)
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 20 dBm
Short Term RF Input Power .... 150 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
* Noise Figure is greater below 50 MHz
======================================================================================
10
200
500
800
1100
1400
1700
.09
.07
.16
.21
.23
.17
.14
-85
-103
-124
-147
-176
139
34
5.04
5.04
5.05
5.09
5.19
5.38
5.15
-172
161
132
103
72
36
-7
.09
.09
.09
.09
.09
.09
.09
0
-8
-20
-32
-45
-60
-83
.21
.22
.20
.17
.12
.10
.17
1.25
1.27
1.29
1.29
1.28
1.24
1.27
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
2.0
1.5
1.0
2.0
1.5
1.0
1.0
3.0
16.5
14.5
12.5
28
26
24
22
20
-19
-20
-21
-22
-23
Stop 1700 MHz
Stop 1700 MHz
Stop 1700 MHz
Stop 1700 MHz
Stop 1700 MHz
Stop 1700 MHz
13.5
15.5
Start 10 MHz
Start 10 MHz
Start 10 MHz
Start 10 MHz
Start 10 MHz
Start 10 MHz
4.0
2.0
5.0
Reverse Isolation (dB)
Noise Figure
Output VSWR
Input VSWR
1 dB Comp. (dBm)
Gain (dB)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - FP3013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP301 SANYO-FP301 Datasheet
125Kb / 4P
   DC-DC Converter Applications
logo
API Technologies Corp
FP3011 APITECH-FP3011 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
FP3012 APITECH-FP3012 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
FP3014 APITECH-FP3014 Datasheet
116Kb / 1P
   RF AMPLIFIER MODEL
FP3015 APITECH-FP3015 Datasheet
49Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP3013

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com