Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF10S-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DF10S-E3
Description  Miniature Glass Passivated Single-Phase
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF10S-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DF10S-E3 Datasheet HTML 1Page - Vishay Siliconix DF10S-E3 Datasheet HTML 2Page - Vishay Siliconix DF10S-E3 Datasheet HTML 3Page - Vishay Siliconix DF10S-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DF005S, DF01S, DF02S, DF04S, DF06S, DF08S, DF10S
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
2
Document Number: 88573
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Units mounted on PCB with 0.51" x 0.51" (13 mm x 13 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 3 - Typical Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
DF005S
DF01S
DF02S
DF04S
DF06S
DF08S
DF10S
UNIT
Typical thermal resistance (1)
RJA
40
°C/W
RJL
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
DF06S-E3/45
0.399
45
50
Tube
DF06S-E3/77
0.399
77
1500
13" diameter paper tape and reel
20
40
60
80
100
120
140
160
0
0.5
1.0
Ambient Temperature (°C)
60 Hz
Resistive or
Inductive Load
P.C.B. Mounted on
0.51 x 0.51" (13 x 13 mm)
Copper Pads
1
10
100
0
10
20
30
40
50
60
Number of Cycles at 60 Hz
T
J = 150 °C
Single Sine-Wave
1.0 Cycle
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
100
T
J = 125 °C
T
J = 50 °C
Percent of Rated Peak Reverse Voltage (%)


Similar Part No. - DF10S-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF10S-E3 VISHAY-DF10S-E3 Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
More results

Similar Description - DF10S-E3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MB1ST08 CYSTEKEC-MB1ST08 Datasheet
291Kb / 3P
   Miniature Glass Passivated Single Phase
MB2ST08 CYSTEKEC-MB2ST08 Datasheet
291Kb / 3P
   Miniature Glass Passivated Single Phase
MB2ST05 CYSTEKEC-MB2ST05 Datasheet
272Kb / 3P
   Miniature Glass Passivated Single Phase
logo
Guangdong Juxing Electr...
UMB05F JUXING-UMB05F Datasheet
987Kb / 3P
   Ultra Miniature Glass Passivated Single-Phase
logo
Surge Components
MB2M SURGE-MB2M Datasheet
400Kb / 2P
   Miniature Glass Passivated Single-phase Rectifers
logo
Cystech Electonics Corp...
MB1ST05 CYSTEKEC-MB1ST05 Datasheet
272Kb / 3P
   Miniature Glass Passivated Single Phase Surface
logo
Shanghai Leiditech Elec...
UMB05F LEIDITECH-UMB05F Datasheet
908Kb / 3P
   Ultra Miniature Glass Passivated Single-Phase
logo
Semtech Corporation
DF005M SEMTECH-DF005M Datasheet
155Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE - PHASE - RECTIFIER
logo
General Semiconductor
DF005M GE-DF005M Datasheet
93Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
B40C800DM GE-B40C800DM Datasheet
84Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com