Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C400-70TI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT27C400-70TI
Description  4-Megabit 256K x 16 or 512K x 8 OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C400-70TI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT27C400-70TI Datasheet HTML 2Page - ATMEL Corporation AT27C400-70TI Datasheet HTML 3Page - ATMEL Corporation AT27C400-70TI Datasheet HTML 4Page - ATMEL Corporation AT27C400-70TI Datasheet HTML 5Page - ATMEL Corporation AT27C400-70TI Datasheet HTML 6Page - ATMEL Corporation AT27C400-70TI Datasheet HTML 7Page - ATMEL Corporation AT27C400-70TI Datasheet HTML 8Page - ATMEL Corporation AT27C400-70TI Datasheet HTML 9Page - ATMEL Corporation AT27C400-70TI Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AT27C400
10
Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
40
0.1
AT27C400-70PC
AT27C400-70RC
AT27C400-70TC
40P6
40R
48T
Commercial
(0
°C to 70°C)
40
0.1
AT27C400-70PI
AT27C400-70RI
AT27C400-70TI
40P6
40R
48T
Industrial
(-40
°C to 85°C)
90
40
0.1
AT27C400-90PC
AT27C400-90RC
AT27C400-90TC
40P6
40R
48T
Commercial
(0
°C to 70°C)
40
0.1
AT27C400-90PI
AT27C400-90RI
AT27C400-90TI
40P6
40R
48T
Industrial
(-40
°C to 85°C)
120
40
0.1
AT27C400-12PC
AT27C400-12RC
AT27C400-12TC
40P6
40R
48T
Commercial
(0
°C to 70°C)
40
0.1
AT27C400-12PI
AT27C400-12RI
AT27C400-12TI
40P6
40R
48T
Industrial
(-40
°C to 85°C)
150
40
0.1
AT27C400-15PC
AT27C400-15RC
AT27C400-15TC
40P6
40R
48T
Commercial
(0
°C to 70°C)
40
0.1
AT27C400-15PI
AT27C400-15RI
AT27C400-15TI
40P6
40R
48T
Industrial
(-40
°C to 85°C)
= Advance Information
Package Type
40P6
40-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
40R
40-Lead, 0.450" Wide, Plastic Gull Wing Small Outline Package (SOIC/SOP)
48T
48-Lead, Plastic Thin Small Outline Package (TSOP) 12 x 20 mm


Similar Part No. - AT27C400-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
797Kb / 13P
   Low-power CMOS operation
AT27C4096-12 ATMEL-AT27C4096-12 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096-12JC ATMEL-AT27C4096-12JC Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
More results

Similar Description - AT27C400-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
   4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
   8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com