Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BX3007 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BX3007
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BX3007 Datasheet(HTML) 1 Page - API Technologies Corp

  BX3007 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +40 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +36 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +26 dBm (Typ.)
RF AMPLIFIER
MODEL
TM3007
Features
! Low Noise Figure: <2.7 dB Typical
! Output Power: +14 dBm Typical
! Operating Temp. - 55 ºC to + 85 ºC
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
50 - 700 MHz
50 - 700 MHz
Gain (dB)
14.5
13 Min.
Power @ 1 dB
Comp. (dBm)
+14
+13 Min.
Reverse
Isolation (dB)
-19.5
-18 Max.
VSWR
In
<1.75:1
2:0:1 Max.
Out
<1.5:1
2:0:1 Max.
Noise Figure (dB)
<2.7
3.0 Max.
Power
Vdc
+15
+15
mA
27
30 Max.
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
05/10/04
Available as:
TM3007, 4 Pin TO-8 (T4)
TN3007, 4 Pin Surface Mount (SM3)
FP3007, 4 Pin Flatpack (FP4)
BX3007, Connectorized Housing (H1)
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
2.0
1.5
1.0
2.0
1.5
1.0
1
3
2
16
14
12
16
15
14
13
12
0
- 10
- 20
- 30
- 40
Stop 700 MHz
Stop 700 MHz
Stop 700 MHz
Stop 700 MHz
Stop 700 MHz
Stop 700 MHz
13
15
Start 50 MHz
Start 50 MHz
Start 50 MHz
Start 50 MHz
Start 50 MHz
Start 50 MHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - BX3007

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX3001 APITECH-BX3001 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
BX3002 APITECH-BX3002 Datasheet
43Kb / 1P
   RF AMPLIFIER MODEL
BX3003 APITECH-BX3003 Datasheet
39Kb / 1P
   RF AMPLIFIER MODEL
BX3004 APITECH-BX3004 Datasheet
71Kb / 1P
   RF AMPLIFIER MODEL
BX3005 APITECH-BX3005 Datasheet
70Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - BX3007

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com