Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C4096-55VI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C4096-55VI
Description  4-Megabit 256K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C4096-55VI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C4096-55VI Datasheet HTML 1Page - ATMEL Corporation AT27C4096-55VI Datasheet HTML 2Page - ATMEL Corporation AT27C4096-55VI Datasheet HTML 3Page - ATMEL Corporation AT27C4096-55VI Datasheet HTML 4Page - ATMEL Corporation AT27C4096-55VI Datasheet HTML 5Page - ATMEL Corporation AT27C4096-55VI Datasheet HTML 6Page - ATMEL Corporation AT27C4096-55VI Datasheet HTML 7Page - ATMEL Corporation AT27C4096-55VI Datasheet HTML 8Page - ATMEL Corporation AT27C4096-55VI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AT27C4096
2
Description
In read mode, the AT27C4096 typically consumes 15 mA.
Standby mode supply current is typically less than 10
µA.
The AT27C4 096 is a va ila ble i n i ndus tr y st anda rd
JEDEC-approved one-time programmable (OTP) plastic
PDIP, PLCC, and TSOP packages. The device features
two-line control (CE, OE) to eliminate bus contention in
high-speed systems.
With high density 256K word storage capability, the
AT27C4096 allows firmware to be stored reliably and to be
accessed by the system without the delays of mass storage
media.
Atmel’s AT27C4096 has additional features that ensure
high quality and efficient production use. The RapidPro-
gramming Algorithm reduces the time required to program
the part and guarantees reliable programming. Program-
ming time is typically only 50
µs/word. The Integrated Prod-
uct Identification Code electronically identifies the device
and manufacturer. This feature is used by industry stan-
dard programming equipment to select the proper program-
ming algorithms and voltages.
System Considerations
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excursions.
Unless accommodated by the system design, these tran-
sients may exceed data sheet limits, resulting in device
non-conformance. At a minimum, a 0.1
µF high frequency,
low inherent inductance, ceramic capacitor should be uti-
lized for each device. This capacitor should be connected
between the VCC and Ground terminals of the device, as
close to the device as possible. Additionally, to stabilize the
supply voltage level on printed circuit boards with large
EPROM arrays, a 4.7
µF bulk electrolytic capacitor should
be utilized, again connected between the VCC and Ground
terminals. This capacitor should be positioned as close as
possible to the point where the power supply is connected
to the array.


Similar Part No. - AT27C4096-55VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096-55VI ATMEL-AT27C4096-55VI Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
More results

Similar Description - AT27C4096-55VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com