Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C516-45VI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C516-45VI
Description  512K 32K x 16 OTP CMOS EPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C516-45VI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C516-45VI Datasheet HTML 1Page - ATMEL Corporation AT27C516-45VI Datasheet HTML 2Page - ATMEL Corporation AT27C516-45VI Datasheet HTML 3Page - ATMEL Corporation AT27C516-45VI Datasheet HTML 4Page - ATMEL Corporation AT27C516-45VI Datasheet HTML 5Page - ATMEL Corporation AT27C516-45VI Datasheet HTML 6Page - ATMEL Corporation AT27C516-45VI Datasheet HTML 7Page - ATMEL Corporation AT27C516-45VI Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Block Diagram
Temperature Under Bias ................ -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground......................... -2.0V to +7.0V
(1)
Voltage on A9 with
Respect to Ground ...................... -2.0V to +14.0V
(1)
VPP Supply Voltage with
Respect to Ground....................... -2.0V to +14.0V
(1)
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note:
1. Minimum voltage is -0.6V dc which may undershoot to -
2.0V for pulses of less than 20 ns. Maximum output
pin voltage is VCC + 0.75V dc which may overshoot
to +7.0V for pulses of less than 20 ns.
Absolute Maximum Ratings*
Operating Modes
Mode \ Pin
CE
OE
PGM
Ai
VPP
Outputs
Read
VIL
VIL
X
(1)
Ai
X
DOUT
Output Disable
X
VIH
X
X
X
High Z
Standby
VIH
XX
X
X
(5)
High Z
Rapid Program (2)
VIL
VIH
VIL
Ai
VPP
DIN
PGM Verify
VIL
VIL
VIH
Ai
VPP
DOUT
PGM Inhibit
VIH
XX
X
VPP
High Z
Product Identification (4)
VIL
VIL
X
A9 = VH
(3)
A0 = VIH or VIL
A1 - A14 = VIL
VCC
Identification
Code
Notes: 1. X can be VIL or VIH.
2. Refer to Programming characteristics.
3. VH = 12.0
± 0.5V.
4. Two identifier words may be selected. All Ai inputs are held
low (VIL), except A9 which is set to VH and A0 which is tog-
gled low (VIL) to select the Manufacturer’s Identification
word and high (VIH) to select the Device Code word.
5. Standby VCC current (ISB) is specified with VPP = VCC. VCC >
VPP will cause a slight increase in ISB.
AT27C516
3-147


Similar Part No. - AT27C516-45VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516-45VI ATMEL-AT27C516-45VI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
More results

Similar Description - AT27C516-45VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
   512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com