Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C520-70XC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT27C520-70XC
Description  512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C520-70XC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT27C520-70XC Datasheet HTML 2Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 3Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 4Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 5Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 6Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 7Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 8Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 9Page - ATMEL Corporation AT27C520-70XC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AT27C520
6
Programming Waveforms
Notes:
1.
The Input Timing Reference is 0.8V for VIL and 2.0V for VIH.
2.
tOE and tDFP are characteristics of the device but must be accommodated by the programmer.
VCC
OE/VPP
ALE
AD7 - AD0
A15 - A8
6.5V
5.0V
13V
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
tVCS
tOES
tPRT
tLP
tALE
ADDR
tLAS
tLAH
tAS
DATA IN
tPW
tOEH
tVR
tDH
tDS
ADDR
tALE
tLAH
tLAS
DATA OUT
tOE
tDFP
tAH
ADDRESS STABLE
PROGRAM
READ (VERIFY)
DC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Note:
1. For address input A13 only.
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
I
LI
Input Load Current
V
IN = VIL, VIH
±10
µA
I
LI2
(1)
Input Load Current A13
V
IN = VIL, VIH
±100
µA
V
IL
Input Low Level
-0.6
0.8
V
V
IH
Input High Level
2.0
V
CC + 1.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V
I
CC2
V
CC Supply Current (Program and Verify)
25
mA
I
PP2
OE/V
PP Current
ALE = V
IH
25
mA


Similar Part No. - AT27C520-70XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-12 ATMEL-AT27C512R-12 Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JC ATMEL-AT27C512R-12JC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JI ATMEL-AT27C512R-12JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C520-70XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com