Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C800-10PC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C800-10PC
Description  8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C800-10PC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C800-10PC Datasheet HTML 1Page - ATMEL Corporation AT27C800-10PC Datasheet HTML 2Page - ATMEL Corporation AT27C800-10PC Datasheet HTML 3Page - ATMEL Corporation AT27C800-10PC Datasheet HTML 4Page - ATMEL Corporation AT27C800-10PC Datasheet HTML 5Page - ATMEL Corporation AT27C800-10PC Datasheet HTML 6Page - ATMEL Corporation AT27C800-10PC Datasheet HTML 7Page - ATMEL Corporation AT27C800-10PC Datasheet HTML 8Page - ATMEL Corporation AT27C800-10PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AT27C800
1
Features
Read Access Time - 100 ns
Word-wide or Byte-wide Configurable
8-Megabit Flash and Mask ROM Compatable
Low Power CMOS Operation
-100
µA Maximum Standby
- 50 mA Maximum Active at 5 MHz
Wide Selection of JEDEC Standard Packages
- 42-Lead 600 mil Cerdip and PDIP
- 44-Lead SOIC (SOP)
- 48-Lead TSOP (12 mm x 20 mm)
5V
± 10% Power Supply
High Reliability CMOS Technology
- 2,000 ESD Protection
- 200 mA Latchup Immunity
RapidTM Programming Algorithm - 50
µs/word (typical)
CMOS and TTL Compatible Inputs and Outputs
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
Description
The AT27C800 is a low-power, high performance 8,388,608-bit UV erasable program-
mable read only memory (EPROM) organized as either 512K by 16 or 1024K by 8
bits. It requires a single 5V power supply in normal read mode operation. Any word
can be accessed in less than 100 ns, eliminating the need for speed-reducing WAIT
states. The x16 organization makes this part ideal for high-performance 16- and 32-bit
microprocessor systems.
0801A-A
8-Megabit
(512K x 16 or
1024K x 8)
UV Erasable
EPROM
AT27C800
Preliminary
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
O0 - O15
Outputs
O15/A-1
Output/Address
BYTE/VPP
Byte Mode/
Program Supply
CE
Chip Enable
OE
Output Enable
NC
No Connect
TSOP
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
NC
NC
NC
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE/VPP
GND
O15/A-1
O7
O14
O6
O13
O5
O12
O4
VCC
O11
O3
O10
O2
O9
O1
O8
O0
OE
GND
CE
A0
CDIP, PDIP Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
O0
O8
O1
O9
O2
O10
O3
O11
NC
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE/VPP
GND
O15/A-1
O7
O14
O6
O13
O5
O12
O4
VCC
SOIC (SOP)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
O0
O8
O1
O9
O2
O10
O3
O11
NC
NC
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE/VPP
GND
O15/A-1
O7
O14
O6
O13
O5
O12
O4
VCC
(continued)


Similar Part No. - AT27C800-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010 ATMEL-AT27C010 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C010-12 ATMEL-AT27C010-12 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JC ATMEL-AT27C010-12JC Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JI ATMEL-AT27C010-12JI Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C800-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
   8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Winbond
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
logo
Cypress Semiconductor
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com