Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV020A-90VC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27LV020A-90VC
Description  2 Megabit 256K x 8 Low Voltage OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV020A-90VC Datasheet(HTML) 8 Page - ATMEL Corporation

  AT27LV020A-90VC Datasheet HTML 1Page - ATMEL Corporation AT27LV020A-90VC Datasheet HTML 2Page - ATMEL Corporation AT27LV020A-90VC Datasheet HTML 3Page - ATMEL Corporation AT27LV020A-90VC Datasheet HTML 4Page - ATMEL Corporation AT27LV020A-90VC Datasheet HTML 5Page - ATMEL Corporation AT27LV020A-90VC Datasheet HTML 6Page - ATMEL Corporation AT27LV020A-90VC Datasheet HTML 7Page - ATMEL Corporation AT27LV020A-90VC Datasheet HTML 8Page - ATMEL Corporation AT27LV020A-90VC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AT27LV020A
8
AC Programming Characteristics
TA = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
*AC Conditions of Test:
Input Rise and Fall Times (10% to 90%).............20 ns
Input Pulse Levels..................................0.45V to 2.4V
Input Timing Reference Level..................0.8V to 2.0V
Output Timing Reference Level...............0.8V to 2.0V
Notes:
1. VCC must be applied simultaneously or before VPP
and removed simultaneously or after VPP.
2. This parameter is only sampled and is not 100%
tested. Output Float is defined as the point where
data is no longer driven —see timing diagram.
3. Program Pulse width tolerance is 100
µsec ± 5%.
Atmel's 27LV020A Integrated
Product Identification Code (1)
Note:
1. The AT27LV020A has the same Product Identification
Code as the AT27C020. Both are programming com-
patible.
Rapid Programming Algorithm
A 100
µs PGM pulse width is used to program. The
address is set to the first location. VCC is raised to 6.5V and
VPP is raised to 13.0V. Each address is first programmed
with one 100
µs PGM pulse without verification. Then a
verification/reprogramming loop is executed for each
address. In the event a byte fails to pass verification, up to
10 successive 100
µs pulses are applied with a verification
after each pulse. If the byte fails to verify after 10 pulses
have been applied, the part is considered failed. After the
byte verifies properly, the next address is selected until all
have been checked. VPP is then lowered to 5.0V and VCC
to 5.0V. All bytes are read again and compared with the
original data to determine if the device passes or fails.
Symbol Parameter
Test
Conditions* (1)
Limits
Units
Min
Max
tAS
Address Setup Time
2
µs
tCES
CE Setup Time
2
µs
tOES
OE Setup Time
2
µs
tDS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OE High to Output
Float Delay
0
130
ns
tVPS
VPP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
tPW
PGM Program Pulse Width
95
105
µs
tOE
Data Valid from OE
150
ns
tPRT
VPP Pulse Rise Time
During Programming
50
ns
Codes
Pins
Hex
Data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
0
0
001111
0
1E
Device Type
1
1
000011
0
86


Similar Part No. - AT27LV020A-90VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A-12JI ATMEL-AT27LV020A-12JI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12JU ATMEL-AT27LV020A-12JU Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12TI ATMEL-AT27LV020A-12TI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12TU ATMEL-AT27LV020A-12TU Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12VI ATMEL-AT27LV020A-12VI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV020A-90VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com