Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV040A-12TC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT27LV040A-12TC
Description  4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV040A-12TC Datasheet(HTML) 6 Page - ATMEL Corporation

  AT27LV040A-12TC Datasheet HTML 1Page - ATMEL Corporation AT27LV040A-12TC Datasheet HTML 2Page - ATMEL Corporation AT27LV040A-12TC Datasheet HTML 3Page - ATMEL Corporation AT27LV040A-12TC Datasheet HTML 4Page - ATMEL Corporation AT27LV040A-12TC Datasheet HTML 5Page - ATMEL Corporation AT27LV040A-12TC Datasheet HTML 6Page - ATMEL Corporation AT27LV040A-12TC Datasheet HTML 7Page - ATMEL Corporation AT27LV040A-12TC Datasheet HTML 8Page - ATMEL Corporation AT27LV040A-12TC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Pin Capacitance (f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
48
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Output Test Load
Note: CL = 100 pF
including jig capacitance.
tR, tF < 20 ns (10% to 90%)
Input Test Waveform and Measurement Level
3-120
AT27LV040A


Similar Part No. - AT27LV040A-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A-90JI ATMEL-AT27LV040A-90JI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90JU ATMEL-AT27LV040A-90JU Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90TI ATMEL-AT27LV040A-90TI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90TU ATMEL-AT27LV040A-90TU Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90VI ATMEL-AT27LV040A-90VI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV040A-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com