Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV040A-12JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27LV040A-12JI
Description  4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV040A-12JI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27LV040A-12JI Datasheet HTML 1Page - ATMEL Corporation AT27LV040A-12JI Datasheet HTML 2Page - ATMEL Corporation AT27LV040A-12JI Datasheet HTML 3Page - ATMEL Corporation AT27LV040A-12JI Datasheet HTML 4Page - ATMEL Corporation AT27LV040A-12JI Datasheet HTML 5Page - ATMEL Corporation AT27LV040A-12JI Datasheet HTML 6Page - ATMEL Corporation AT27LV040A-12JI Datasheet HTML 7Page - ATMEL Corporation AT27LV040A-12JI Datasheet HTML 8Page - ATMEL Corporation AT27LV040A-12JI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Operating Modes
Mode \ Pin
CE
OE
Ai
VPP
VCC
Outputs
Read (2)
VIL
VIL
Ai
X
(1)
VCC
(2)
DOUT
Output Disable (2)
XVIH
XX
VCC
(2)
High Z
Standby (2)
VIH
XXX
VCC
(2)
High Z
Rapid Program (3)
VIL
VIH
Ai
VPP
VCC
(3)
DIN
PGM Verify (3)
XVIL
Ai
VPP
VCC
(3)
DOUT
PGM Inhibit (3)
VIH
VIH
XVPP
VCC
(3)
High Z
Product Identification (3, 5)
VIL
VIL
A9 = VH
(4)
A0 = VIH or VIL
A1 - A18 = VIL
XVCC
(3)
Identification
Code
Notes: 1. X can be VIL or VIH.
2. Read, output disable, and standby modes
require, 3.0V
≤ VCC ≤ 3.6V, or 4.5V ≤ VCC ≤ 5.5V.
3. Refer to Programming Characteristics. Programming
modes require VCC = 6.5V.
4. VH = 12.0
± 0.5V.
5. Two identifier bytes may be selected. All Ai inputs are held
low (VIL), except A9 which is set to VH and A0 which is tog-
gled low (VIL) to select the Manufacturer’s Identification byte
and high (VIH) to select the Device Code byte.
Temperature Under Bias .................. -40°C to +85°C
Storage Temperature...................... -65°C to +125°C
Voltage on Any Pin with
Respect to Ground......................... -2.0V to +7.0V
(1)
Voltage on A9 with
Respect to Ground ...................... -2.0V to +14.0V
(1)
VPP Supply Voltage with
Respect to Ground....................... -2.0V to +14.0V
(1)
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note:
1. Minimum voltage is -0.6V dc which may undershoot
to -2.0V for pulses of less than 20 ns. Maximum
output pin voltage is VCC + 0.75V dc which may
be exceeded if certain precautions are observed
(consult application notes) and which may over-
shoot to +7.0 volts for pulses of less than 20 ns.
Absolute Maximum Ratings*
Block Diagram
AT27LV040A
3-117


Similar Part No. - AT27LV040A-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A-90JI ATMEL-AT27LV040A-90JI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90JU ATMEL-AT27LV040A-90JU Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90TI ATMEL-AT27LV040A-90TI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90TU ATMEL-AT27LV040A-90TU Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A-90VI ATMEL-AT27LV040A-90VI Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV040A-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com