Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV010A-12TC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27LV010A-12TC
Description  1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV010A-12TC Datasheet(HTML) 8 Page - ATMEL Corporation

  AT27LV010A-12TC Datasheet HTML 1Page - ATMEL Corporation AT27LV010A-12TC Datasheet HTML 2Page - ATMEL Corporation AT27LV010A-12TC Datasheet HTML 3Page - ATMEL Corporation AT27LV010A-12TC Datasheet HTML 4Page - ATMEL Corporation AT27LV010A-12TC Datasheet HTML 5Page - ATMEL Corporation AT27LV010A-12TC Datasheet HTML 6Page - ATMEL Corporation AT27LV010A-12TC Datasheet HTML 7Page - ATMEL Corporation AT27LV010A-12TC Datasheet HTML 8Page - ATMEL Corporation AT27LV010A-12TC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Atmel’s 27LV010A Integrated
Product Identification Code
(1)
Codes
Pins
Hex
Data
A0 O7 O6 O5 O4 O3 O2 O1 O0
Manufacturer
000
01
11
10
1E
Device Type
100
00
01
01
05
Note:
1. The AT27LV010A has the same Product Identification
Code as the AT27C010. Both are programming
compatible.
AC Programming Characteristics
TA = 25
± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.2V
Sym-
bol
Parameter
Test
Conditions*
(1)
Limits
Units
Min
Max
tAS
Address Setup Time
2
µs
tCES
CE Setup Time
2
µs
tOES
OE Setup Time
2
µs
tDS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OE High to
Output Float Delay
(2)
0130
ns
tVPS
VPP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
tPW
PGM Program Pulse Width
(3)
95
105
µs
tOE
Data Valid from OE
150
ns
tPRT
VPP Pulse Rise Time
During Programming
50
ns
*AC Conditions of Test:
Input Rise and Fall Times (10% to 90%)..........20 ns
Input Pulse Levels................................0.45V to 2.4V
Input Timing Reference Level................0.8V to 2.0V
Output Timing Reference Level.............0.8V to 2.0V
Notes: 1. VCC must be applied simultaneously or before VPP
and removed simultaneously or after VPP.
2. This parameter is only sampled and is not 100%
tested. Output Float is defined as the point where
data is no longer driven —see timing diagram.
3. Program Pulse width tolerance is 100
µsec ± 5%.
Rapid Programming Algorithm
A 100
µs PGM pulse width is used to program. The ad-
dress is set to the first location. VCC is raised to 6.5V and
VPP is raised to 13.0V. Each address is first programmed
with one 100
µs PGM pulse without verification. Then a
verification / reprogramming loop is executed for each ad-
dress. In the event a byte fails to pass verification, up to
10 successive 100
µs pulses are applied with a verifica-
tion after each pulse. If the byte fails to verify after 10
pulses have been applied, the part is considered failed.
After the byte verifies properly, the next address is se-
lected until all have been checked. VPP is then lowered to
5.0V and VCC to 5.0V. All bytes are read again and com-
pared with the original data to determine if the device
passes or fails.
3-102
AT27LV010A


Similar Part No. - AT27LV010A-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV010A-70JI ATMEL-AT27LV010A-70JI Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A-70JU ATMEL-AT27LV010A-70JU Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A-70TI ATMEL-AT27LV010A-70TI Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A-70TU ATMEL-AT27LV010A-70TU Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A-70VI ATMEL-AT27LV010A-70VI Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV010A-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com