Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C02A-10TC-2.5 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT24C02A-10TC-2.5
Description  2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A-10TC-2.5 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT24C02A-10TC-2.5 Datasheet HTML 3Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 4Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 5Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 6Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 7Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 8Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 9Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 10Page - ATMEL Corporation AT24C02A-10TC-2.5 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AT24C02A/04A/08A
7
Device Addressing
The 2K, 4K and 8K EEPROM devices all require an 8 bit
device address word following a start condition to enable
the chip for a read or write operation (refer to Figure 1).
The device address word consists of a mandatory one,
zero sequence for the first four most significant bits as
shown. This is common to all the EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits
for the 2K EEPROM. These 3 bits must compare to their
corresponding hard-wired input pins.
The 4K EEPROM only uses the A2 and A1 device address
bits with the third bit being a memory page address bit. The
two device address bits must compare to their correspond-
ing hard-wired input pins. The A0 pin is no connect.
The 8K EEPROM only uses the A2 device address bit with
the next 2 bits being for memory page addressing. The A2
bit must compare to its corresponding hard-wired input pin.
The A1 and A0 pins are no connect.
The eighth bit of the device address is the read/write opera-
tion select bit. A read operation is initiated if this bit is high
and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will
output a zero. If a compare is not made, the chip will return
to a standby state.
Write Operations
BYTE WRITE: A write operation requires an 8 bit data
word address following the device address word and
acknowledgement. Upon receipt of this address, the
EEPROM will again respond with a zero and then clock in
the first 8 bit data word. Following receipt of the 8 bit data
word, the EEPROM will output a zero and the addressing
device, such as a microcontroller, must terminate the write
sequence with a stop condition. At this time the EEPROM
enters an internally-timed write cycle , t
WR, to the nonvola-
tile memory. All inputs are disabled during this write cycle
and the EEPROM will not respond until the write is com-
plete (refer to Figure 2).
PAGE WRITE: The 2K EEPROM is capable of an 8-byte
page write, and the 4K and 8K devices are capable of 16-
byte page writes.
A page write is initiated the same as a byte write, but the
microcontroller does not send a stop condition after the first
data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcon-
troller can transmit up to seven (2K) or fifteen (4K, 8K)
more data words. The EEPROM will respond with a zero
after each data word received. The microcontroller must
terminate the page write sequence with a stop condition
(refer to Figure 3).
The data word address lower three (2K) or four (4K, 8K)
bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incre-
mented, retaining the memory page row location. When the
word address, internally generated, reaches the page
boundary, the following byte is placed at the beginning of
the same page. If more than eight (2K) or sixteen (4K, 8K)
data words are transmitted to the EEPROM, the data word
address will “roll over” and previous data will be overwrit-
ten.
ACKNOWLEDGE POLLING: Once the internally-timed
write cycle has started and the EEPROM inputs are dis-
abled, acknowledge polling can be initiated. This involves
sending a start condition followed by the device address
word. The read/write bit is representative of the operation
desired. Only if the internal write cycle has completed will
the EEPROM respond with a zero allowing the read or
write sequence to continue.
Read Operations
Read operations are initiated the same way as write opera-
tions with the exception that the read/write select bit in the
device address word is set to one. There are three read
operations: current address read, random address read
and sequential read.
CURRENT ADDRESS READ: The internal data word
address counter maintains the last address accessed dur-
ing the last read or write operation, incremented by one.
This address stays valid between operations as long as the
chip power is maintained. The address “roll over” during
read is from the last byte of the last memory page to the
first byte of the first page. The address “roll over” during
write is from the last byte of the current page to the first
byte of the same page.
Once the device address with the read/write select bit set
to one is clocked in and acknowledged by the EEPROM,
the current address data word is serially clocked out. The
microcontroller does not respond with an input zero but
does generate a following stop condition (refer to Figure 4).
RANDOM READ: A random read requires a “dummy” byte
write sequence to load in the data word address. Once the
device address word and data word address are clocked in
and acknowledged by the EEPROM, the microcontroller
must generate another start condition. The microcontroller
now initiates a current address read by sending a device
address with the read/write select bit high. The EEPROM
acknowledges the device address and serially clocks out
the data word. The microcontroller does not respond with a
zero but does generate a following stop condition (refer to
Figure 5).
SEQUENTIAL READ: Sequential reads are initiated by
either a current address read or a random address read.
After the microcontroller receives a data word, it responds


Similar Part No. - AT24C02A-10TC-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A-10TI-1.8 ATMEL-AT24C02A-10TI-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C02A-10TI-2.7 ATMEL-AT24C02A-10TI-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C02A-10TQ-2.7 ATMEL-AT24C02A-10TQ-2.7 Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
More results

Similar Description - AT24C02A-10TC-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com