Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-12RC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C040-12RC
Description  4-Megabit 512K x 8 OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-12RC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C040-12RC Datasheet HTML 1Page - ATMEL Corporation AT27C040-12RC Datasheet HTML 2Page - ATMEL Corporation AT27C040-12RC Datasheet HTML 3Page - ATMEL Corporation AT27C040-12RC Datasheet HTML 4Page - ATMEL Corporation AT27C040-12RC Datasheet HTML 5Page - ATMEL Corporation AT27C040-12RC Datasheet HTML 6Page - ATMEL Corporation AT27C040-12RC Datasheet HTML 7Page - ATMEL Corporation AT27C040-12RC Datasheet HTML 8Page - ATMEL Corporation AT27C040-12RC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AT27C040
0189F–EPROM–4/03
Notes:
1. V
CC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
Note:
1. 2, 3, 4, 5 – see AC Waveforms for Read Operation
DC and AC Operating Conditions for Read Operation
AT27C040-70
AT27C040-90
AT27C040-12
AT27C040-15
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
I
PP1
(2)
V
PP
(1) Read/Standby Current
V
PP = VCC
10
µA
I
SB
V
CC1
(1) Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
30
mA
V
IL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V
AC Characteristics for Read Operation
Symbol
Parameter
Condition
AT27C040
Units
-70
-90
-12
-15
Min
Max
Min
Max
Min
Max
Min
Max
t
ACC
(3)
Address to Output Delay
CE = OE
= VIL
70
90
120
150
ns
t
CE
(2)
CE to Output Delay
OE = V
IL
70
90
120
150
ns
t
OE
(2)(3)
OE to Output Delay
CE = V
IL
30
35
35
40
ns
tDF
(4)(5)
OE or CE High to Output Float, whichever
occurred first
20
20
30
30
ns
t
OH
Output Hold from Address, CE or OE,
whichever occurred first
0
000
ns


Similar Part No. - AT27C040-12RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-70JI ATMEL-AT27C040-70JI Datasheet
354Kb / 14P
   4-Megabit
AT27C040-70JI ATMEL-AT27C040-70JI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27C040-70JU ATMEL-AT27C040-70JU Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27C040-70PI ATMEL-AT27C040-70PI Datasheet
354Kb / 14P
   4-Megabit
AT27C040-70PI ATMEL-AT27C040-70PI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results

Similar Description - AT27C040-12RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com