Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV64 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28BV64
Description  64K 8K x 8 Battery-Voltage CMOS E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV64 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28BV64 Datasheet HTML 1Page - ATMEL Corporation AT28BV64 Datasheet HTML 2Page - ATMEL Corporation AT28BV64 Datasheet HTML 3Page - ATMEL Corporation AT28BV64 Datasheet HTML 4Page - ATMEL Corporation AT28BV64 Datasheet HTML 5Page - ATMEL Corporation AT28BV64 Datasheet HTML 6Page - ATMEL Corporation AT28BV64 Datasheet HTML 7Page - ATMEL Corporation AT28BV64 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Block Diagram
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground .............-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ................... -0.6V to +13.5V
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
lowing the initiation of a write cycle, the device will go to a
busy state and automatically clear and write the latched
data using an internal control timer. The device includes
two methods for detecting the end of a write cycle, level
detection of RDY/BUSY and DATA polling of I/O7. Once
the end of a write cycle has been detected, a new access
for a read or write can begin.
Atmel’s 28BV64 has additional features to ensure high
quality and manufacturability. The device utilizes error cor-
rection internally for extended endurance and for im-
proved data retention characteristics. An extra 32-bytes of
E2PROM are available for device identification or tracking.
Description (Continued)
2-128
AT28BV64


Similar Part No. - AT28BV64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JC ATMEL-AT28BV64B-20JC Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JI ATMEL-AT28BV64B-20JI Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JI ATMEL-AT28BV64B-20JI Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28BV64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
   64K (8K x 8) CMOS E2PROM
logo
Microchip Technology
27LV64 MICROCHIP-27LV64 Datasheet
62Kb / 10P
   64K (8K x 8) Low-Voltage CMOS EPROM
2004
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
27LV64 MICROCHIP-27LV64 Datasheet
128Kb / 10P
   64K (8K x 8) Low-Voltage CMOS EPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) Low Voltage CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
   64K (8K x 8) Low Voltage CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
   16K 2K x 8 Battery-Voltage CMOS E2PROM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com