Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30D507G003DF2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30D507G003DF2
Description  Aluminum Capacitors Little-Lytic Electrolytics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30D507G003DF2 Datasheet(HTML) 1 Page - Vishay Siliconix

  30D507G003DF2 Datasheet HTML 1Page - Vishay Siliconix 30D507G003DF2 Datasheet HTML 2Page - Vishay Siliconix 30D507G003DF2 Datasheet HTML 3Page - Vishay Siliconix 30D507G003DF2 Datasheet HTML 4Page - Vishay Siliconix 30D507G003DF2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE
www.vishay.com
Vishay Sprague
Revision: 06-Dec-13
1
Document Number: 42042
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Little-Lytic Electrolytics
FEATURES
• Proven dependable performance in the industrial
and electronic equipment with either transistor or
modified electron-tube circuits
• All terminal connections welded, eliminating
possibility of open or intermittent contacts occasionally
found in pressure joints of conventional capacitors
• Superior in size, performance characteristics, shelf life,
construction and reliability
• Metal-encased with clear plastic outer insulating sleeve
• Excellent circuit performance when used as coupling
capacitors
• Minimum drain and long battery life when used in battery
bypass applications
• Better performance under life test than most miniature
aluminum electrolytic capacitors
• Axial lead
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
CAPACITANCE VS. TEMPERATURE
DIMENSIONS AND AVAILABLE FORMS
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Operating temperature
- 40 °C to + 105 °C
Tolerance on CR
G = + 75 %, - 10 % and
F = + 50 %, - 10 %
Ripple current
10
 to 600  max. at 120 Hz,
depending upon capacitance
Life validation test
2000 h at + 85 °C
After test, capacitance value shall
not have changed by more than ± 20 %,
the equivalent series resistance in ohms
shall not have exceeded 150 % of initial
requirement and the leakage current
shall not have exceeded the
initial requirement.
DC leakage current
Maximum DC leakage current at + 25 °C
for all capacitors is 15 μA, except units
in case code DD, which is 15.8 μA.
Shelf test
250 h at + 85 °C,
with no voltage applied
The capacitance and equivalent series
resistance shall meet the initial
requirements and the DC leakage
current shall not exceed 300 % of the
initial requirement.
Available
800 µF - 3 V
300 µF - 16 V
200 µF - 25 V
100 µF - 50 V
25 µF - 100 V
- 40
Typical
- 20
0
+ 20
+ 40
+ 60
+ 80
+ 100 + 120
0.9
1.0
1.1
1.2
Temperature in °C
DIMENSIONS in millimeters
CASE CODE
D
L
BA
6.3 ± 0.7
13.0 ± 1.4
BB
6.3 ± 0.7
17.5 ± 1.7
CB
8.0 ± 0.6
17.5 ± 1.7
CC
8.0 ± 0.6
20.5 ± 1.8
DB
9.0 ± 0.7
17.5 ± 1.7
DC
9.0 ± 0.7
20.5 ± 1.8
DD
9.0 ± 0.7
24.0 ± 1.5
DF
9.0 ± 0.7
32.0 ± 1.5
DH
9.0 ± 0.7
38.0 ± 1.8
L
1.500
[38.10]
min.
D
0.032 [0.811] dia.
No. 20 AWG tinned copper leads
1.500
[38.10]
min.


Similar Part No. - 30D507G003DF2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D507G003DF2 VISHAY-30D507G003DF2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
30D507G003DF2 VISHAY-30D507G003DF2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
30D507G003DF2 VISHAY-30D507G003DF2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
More results

Similar Description - 30D507G003DF2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
630D VISHAY-630D Datasheet
87Kb / 1P
   Aluminum Capacitors Electrolytics
Revision 17-Feb-03
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
logo
HK TO-GRACE TECHNOLOGY ...
VLMR71AAAC-GS08 TO-GRACE-VLMR71AAAC-GS08 Datasheet
797Kb / 7P
   Little Star 1 W Power SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com