Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP3413S23RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPP3413S23RGB
Description  P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP3413S23RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPP3413S23RGB Datasheet HTML 1Page - SYNC POWER Crop. SPP3413S23RGB Datasheet HTML 2Page - SYNC POWER Crop. SPP3413S23RGB Datasheet HTML 3Page - SYNC POWER Crop. SPP3413S23RGB Datasheet HTML 4Page - SYNC POWER Crop. SPP3413S23RGB Datasheet HTML 5Page - SYNC POWER Crop. SPP3413S23RGB Datasheet HTML 6Page - SYNC POWER Crop. SPP3413S23RGB Datasheet HTML 7Page - SYNC POWER Crop. SPP3413S23RGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2008/02/15
Ver.5
Page 1
SPP3413
P-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPP3413 is the P-Channel logic enhancement mode
power field effect transistors are produced using high cell
density , DMOS trench technology.
This high density process is especially tailored to
minimize on-state resistance.
These devices are particularly suited for low voltage
application such as cellular phone and notebook
computer power management and other battery powered
circuits where high-side switching , and low in-line
power loss are needed in a very small outline surface
mount package.
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION(SOT-23-3L)
PART MARKING
-20V/-3.4A,RDS(ON)= 95mΩ@VGS=-4.5V
-20V/-2.4A,RDS(ON)=120mΩ@VGS=-2.5V
-20V/-1.7A,RDS(ON)=145mΩ@VGS=-1.8V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-23-3L package design


Similar Part No. - SPP3413S23RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP3413S23RG SYNC-POWER-SPP3413S23RG Datasheet
199Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPP3413S23RG VBSEMI-SPP3413S23RG Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - SPP3413S23RGB

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com