Electronic Components Datasheet Search |
|
AT27C4096-90PC Datasheet(PDF) 7 Page - ATMEL Corporation |
|
AT27C4096-90PC Datasheet(HTML) 7 Page - ATMEL Corporation |
7 / 9 page AT27C4096 7 AC Programming Characteristics TA = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V Notes: 1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven —see timing diagram. 3. Program Pulse width tolerance is 50 µsec ± 5%. Symbol Parameter Test Conditions(1) Limits Units Min Max tAS Address Setup Time Input Rise and Fall Times (10% to 90%) 20ns Input Pulse Levels 0.45V to 2.4V Input Timing Reference Level 0.8V to 2.0V Output Timing Reference Level 0.8V to 2.0V 2 µs tOES OE Setup Time 2 µs tDS Data Setup Time 2 µs tAH Address Hold Time 0 µs tDH Data Hold Time 2 µs tDFP OE High to Output Float Delay(2) 0 130 ns tVPS VPP Setup Time 2 µs tVCS VCC Setup Time 2 µs tPW CE Program Pulse Width(3) 47.5 52.5 µs tOE Data Valid from OE 150 ns tPRT VPP Pulse Rise Time During Programming 50 ns Atmel’s 27C4096 Intergrated Product Identification Code Codes Pins Hex Data A0 015-08 O7 O6 O5 O4 O3 O2 O1 O0 Manufacturer 0 0 0001 1110 001E Device Type 1 0 1111 0100 00F4 |
Similar Part No. - AT27C4096-90PC |
|
Similar Description - AT27C4096-90PC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |