Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C800-12PC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C800-12PC
Description  8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C800-12PC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27C800-12PC Datasheet HTML 2Page - ATMEL Corporation AT27C800-12PC Datasheet HTML 3Page - ATMEL Corporation AT27C800-12PC Datasheet HTML 4Page - ATMEL Corporation AT27C800-12PC Datasheet HTML 5Page - ATMEL Corporation AT27C800-12PC Datasheet HTML 6Page - ATMEL Corporation AT27C800-12PC Datasheet HTML 7Page - ATMEL Corporation AT27C800-12PC Datasheet HTML 8Page - ATMEL Corporation AT27C800-12PC Datasheet HTML 9Page - ATMEL Corporation AT27C800-12PC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AT27C800
9
Rapid Programming Algorithm
A 50
µs CE pulse width is used to program. The address is
set to the first location. V
CC is raised to 6.5V and BYTE/VPP
is raised to 13.0V. Each address is first programmed with
one 50
µs CE pulse without verification. Then a verification/
reprogramming loop is executed for each address. In the
event a word fails to pass verification, up to 10 successive
50
µs pulses are applied with a verification after each
pulse. If the word fails to verify after 10 pulses have been
applied, the part is considered failed. After the word verifies
properly, the next address is selected until all have been
checked. V
PP is then lowered to 5.0V and VCC to 5.0V. All
words are read again and compared with the original data
to determine if the device passes or fails.


Similar Part No. - AT27C800-12PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010 ATMEL-AT27C010 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C010-12 ATMEL-AT27C010-12 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JC ATMEL-AT27C010-12JC Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JI ATMEL-AT27C010-12JI Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C800-12PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
   8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Winbond
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
logo
Cypress Semiconductor
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com