Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV020A-12TC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27LV020A-12TC
Description  2 Megabit 256K x 8 Low Voltage OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV020A-12TC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27LV020A-12TC Datasheet HTML 1Page - ATMEL Corporation AT27LV020A-12TC Datasheet HTML 2Page - ATMEL Corporation AT27LV020A-12TC Datasheet HTML 3Page - ATMEL Corporation AT27LV020A-12TC Datasheet HTML 4Page - ATMEL Corporation AT27LV020A-12TC Datasheet HTML 5Page - ATMEL Corporation AT27LV020A-12TC Datasheet HTML 6Page - ATMEL Corporation AT27LV020A-12TC Datasheet HTML 7Page - ATMEL Corporation AT27LV020A-12TC Datasheet HTML 8Page - ATMEL Corporation AT27LV020A-12TC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AT27LV020A
3
Block Diagram
Absolute Maximum Ratings*
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device
at these or any other conditions beyond those indicated in the
operational sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for extended peri-
ods may affect device reliability.
Note:
1.
Minimum voltage is -0.6V dc which may undershoot
to -2.0V for pulses of less than 20 ns. Maximum out-
put pin voltage is VCC + 0.75V dc which may be
exceeded if certain precautions are observed (con-
sult application notes) and which may overshoot to
+7.0 volts for pulses of less than 20 ns.
Operating Modes
Notes:
1. X can be VIL or VIH.
2. Read, output disable, and standby modes require,
3.0V
≤ V
CC ≤ 3.6V, or 4.5V ≤ VCC ≤ 5.5V.
3. Refer to Programming Characteristics. Programming
modes require VCC = 6.5V.
4. VH = 12.0 ± 0.5V.
5. Two identifier bytes may be selected. All Ai inputs are
held low (VIL), except A9 which is set to VH and A0
which is toggled low (VIL) to select the Manufacturer’s
Identification byte and high (VIH) to select the Device
Code byte.
Temperature Under Bias .................................. -40°C to +85°C
Storage Temperature ..................................... -65°C to +125°C
Voltage on Any Pin with
Respect to Ground........................................ -2.0V to +7.0V (1)
Voltage on A9 with
Respect to Ground ..................................... -2.0V to +14.0V (1)
VPP Supply Voltage with
Respect to Ground...................................... -2.0V to +14.0V (1)
Mode \ Pin
CE
OE
PGM
Ai
VPP
VCC
Outputs
Read (2)
VIL
VIL
X (1)
Ai
X
VCC
(2)
DOUT
Output Disable (2)
XVIH
XX
X
VCC
(2)
High Z
Standby (2)
VIH
XX
X
X
VCC
(2)
High Z
Rapid Program (3)
VIL
VIH
VIL
Ai
VPP
VCC
(3)
DIN
PGM Verify (3)
VIL
VIL
VIH
Ai
VPP
VCC
(3)
DOUT
PGM Inhibit (3)
VIH
XX
X
VPP
VCC
(3)
High Z
Product Identification (3, 5)
VIL
VIL
X
A9 = VH
(4)
A0 = VIH or VIL
A1 - A17 = VIL
XVCC
(3)
Identification Code


Similar Part No. - AT27LV020A-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A-12TI ATMEL-AT27LV020A-12TI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12TU ATMEL-AT27LV020A-12TU Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV020A-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com