Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV1026-45VC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27LV1026-45VC
Description  1-Megabit 2 x 32K x 16 16-Bit Interleaved Low-Voltage OTP EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV1026-45VC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT27LV1026-45VC Datasheet HTML 4Page - ATMEL Corporation AT27LV1026-45VC Datasheet HTML 5Page - ATMEL Corporation AT27LV1026-45VC Datasheet HTML 6Page - ATMEL Corporation AT27LV1026-45VC Datasheet HTML 7Page - ATMEL Corporation AT27LV1026-45VC Datasheet HTML 8Page - ATMEL Corporation AT27LV1026-45VC Datasheet HTML 9Page - ATMEL Corporation AT27LV1026-45VC Datasheet HTML 10Page - ATMEL Corporation AT27LV1026-45VC Datasheet HTML 11Page - ATMEL Corporation AT27LV1026-45VC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AT27LV1026
8
DC Programming Characteristics
TA = 25
±±±± 5°°°°C, V
CC = 6.5 ±
±±± 0.25V, V
PP = 13.0 ±
±±± 0.25V
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
I
LI
Input Load Current
V
IN = VIL, VIH
±10
µA
V
IL
Input Low Level
-0.6
0.8
V
V
IH
Input High Level
2.0
V
CC + 0.1
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V
I
CC2
V
CC Supply Current (Program and Verify)
50
mA
I
PP2
V
PP Supply Current
PGM = V
IL
30
mA
V
ID
A9 Product Identification Voltage
11.5
12.5
V


Similar Part No. - AT27LV1026-45VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
785Kb / 12P
   Dual voltage range operation
AT27LV010A-12 ATMEL-AT27LV010A-12 Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12JC ATMEL-AT27LV010A-12JC Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV1026-45VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
   512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C516 ATMEL-AT27C516 Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com