Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV16-25JC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28BV16-25JC
Description  16K 2K x 8 Battery-Voltage CMOS E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV16-25JC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28BV16-25JC Datasheet HTML 1Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 2Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 3Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 4Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 5Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 6Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 7Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Description (Continued)
Block Diagram
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground .............-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ................... -0.6V to +13.5V
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
internally, freeing the microprocessor address and data
bus for other operations. Following the initiation of a write
cycle, the device will go to a busy state and automatically
clear and write the latched data using an internal control
timer. The end of a write cycle can be determined by
DATA polling of I/O7. Once the end of a write cycle has
been detected, a new access for a read or a write can
begin.
The CMOS technology offers fast access times of 250 ns
at low power dissipation. When the chip is deselected the
standby current is less than 50
µA.
Atmel’s 28BV16 has additional features to ensure high
quality and manufacturability. The device utilizes error cor-
rection internally for extended endurance and for im-
proved data retention characteristics. An extra 32-bytes of
E2PROM are available for device identification or tracking.
2-120
AT28BV16


Similar Part No. - AT28BV16-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20 ATMEL-AT28BV256-20 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JI ATMEL-AT28BV256-20JI Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
More results

Similar Description - AT28BV16-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
Microchip Technology
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com