Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV16-25JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT28BV16-25JC
Description  16K 2K x 8 Battery-Voltage CMOS E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV16-25JC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28BV16-25JC Datasheet HTML 1Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 2Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 3Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 4Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 5Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 6Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 7Page - ATMEL Corporation AT28BV16-25JC Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC + 1.0V
5
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
5
µA
ISB
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1.0V
50
µA
ICC
VCC Active Current AC
f = 5 MHz; IOUT = 0 mA; CE = VIL
8mA
VIL
Input Low Voltage
0.6
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 1 mA
0.3
V
IOL = 2 mA for RDY/BUSY
0.3
V
VOH
Output High Voltage
IOH = -100
µA
2.0
V
DC Characteristics
Mode
CE
OE
WE
I/O
Read
VIL
VIL
VIH
DOUT
Write (2)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
VIH
X
(1)
X
High Z
Write Inhibit
X
X
VIH
Write Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
Operating Modes
AT28BV16-25
AT28BV16-30
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
2.7V to 3.6V
2.7V to 3.6V
DC and AC Operating Range
2-122
AT28BV16


Similar Part No. - AT28BV16-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20 ATMEL-AT28BV256-20 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JI ATMEL-AT28BV256-20JI Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
More results

Similar Description - AT28BV16-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
Microchip Technology
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com