Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C520-90XI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C520-90XI
Description  512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C520-90XI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C520-90XI Datasheet HTML 1Page - ATMEL Corporation AT27C520-90XI Datasheet HTML 2Page - ATMEL Corporation AT27C520-90XI Datasheet HTML 3Page - ATMEL Corporation AT27C520-90XI Datasheet HTML 4Page - ATMEL Corporation AT27C520-90XI Datasheet HTML 5Page - ATMEL Corporation AT27C520-90XI Datasheet HTML 6Page - ATMEL Corporation AT27C520-90XI Datasheet HTML 7Page - ATMEL Corporation AT27C520-90XI Datasheet HTML 8Page - ATMEL Corporation AT27C520-90XI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
512K (64K x 8)
Multiplexed
Addresses/
Outputs
OTP EPROM
AT27C520
Features
8-Bit Multiplexed Addresses/Outputs
Fast Read Access Time - 70 ns
Low Power CMOS Operation
– 20 mA max. Active at 5 MHz
20-Lead TSSOP Package
20-Lead SOIC Package
28-Lead TSOP Package
5V
± 10% Supply
High Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
RapidProgramming Algorithm - 50
µµµµs/byte (typical)
CMOS and TTL Compatible Inputs and Outputs
Integrated Product Identification Code
Commercial and Industrial Temperature Range
Description
The AT27C520 is a low-power, high performance 524,288 bit one-time programmable
read only memory (OTP EPROM) organized 64K by 8 bits. It incorporates latches for
the 8 lower order address bits to multiplex with the 8 data bits. This minimizes system
chip count, reduces cost, and simplifies the design of multiplexed bus systems. It
requires only one 5V power supply in normal read mode operation. Any byte can be
accessed in less than 70 ns, eliminating the need for speed reducing WAIT states on
high performance microprocessor systems.
Atmel’s scaled CMOS technology provides high speed, lower active power consump-
tion, and significantly faster programming. Power consumption is typically only 8 mA
in Active Mode.
The AT27C520 is available in 173 mil, 20-pin TSSOP; 300 mil, 20-pin SOIC; and 28-
pin TSOP, one-time programmable (OTP) plastic packages.
Rev. 0752C-C–01/98
Pin Configurations
Pin Name
Function
A8 - A15
Addresses
AD0 - AD7
Addresses/Outputs
OE /V
PP
Output Enable/V
PP
ALE
Address Latch Enable
SOIC Top View
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE/VPP
A15
A13
A11
A9
AD0
AD2
AD4
AD6
GND
VCC
ALE
A14
A12
A10
A8
AD1
AD3
AD5
AD7
(continued)
TSOP Top View
22
23
24
25
26
27
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
A10
NC
NC
A12
A14
ALE
VCC
OE/VPP
A15
A13
A11
NC
NC
A9
A8
NC
NC
AD1
AD3
AD5
AD7
GND
AD6
AD4
AD2
NC
NC
AD0
28
1
TSSOP Top View
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A10
A12
A14
ALE
VCC
OE/VPP
A15
A13
A11
A9
A8
AD1
AD3
AD5
AD7
GND
AD6
AD4
AD2
AD0


Similar Part No. - AT27C520-90XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-12 ATMEL-AT27C512R-12 Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JC ATMEL-AT27C512R-12JC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JI ATMEL-AT27C512R-12JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C520-90XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com