Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV16-25SC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28BV16-25SC
Description  16K 2K x 8 Battery-Voltage CMOS E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV16-25SC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28BV16-25SC Datasheet HTML 1Page - ATMEL Corporation AT28BV16-25SC Datasheet HTML 2Page - ATMEL Corporation AT28BV16-25SC Datasheet HTML 3Page - ATMEL Corporation AT28BV16-25SC Datasheet HTML 4Page - ATMEL Corporation AT28BV16-25SC Datasheet HTML 5Page - ATMEL Corporation AT28BV16-25SC Datasheet HTML 6Page - ATMEL Corporation AT28BV16-25SC Datasheet HTML 7Page - ATMEL Corporation AT28BV16-25SC Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AT28BV16
16K (2K x 8)
Battery-Voltage
CMOS
E
2PROM
Features
2.7 to 3.6V Supply
Full Read and Write Operation
Low Power Dissipation
8 mA Active Current
50
µA CMOS Standby Current
Read Access Time - 250 ns
Byte Write - 3 ms
Direct Microprocessor Control
DATA Polling
READ/BUSY Open Drain Output on TSOP
High Reliability CMOS Technology
Endurance: 100,000 Cycles
Data Retention: 10 Years
Low Voltage CMOS Compatible Inputs and Outputs
JEDEC Approved Byte Wide Pinout
Commercial and Industrial Temperature Ranges
Description
The AT28BV16 is a low-power, high-performance Electrically Erasable and Program-
mable Read Only Memory with easy to use features. The AT28BV16 is a 16K mem-
ory organized as 2,048 words by 8 bits. The device is manufactured with Atmel’s
reliable nonvolatile CMOS technology.
The AT28BV16 is accessed like a static RAM for the read or write cycles without the
need of external components. During a byte write, the address and data are latched
(continued)
PLCC
Top View
PDIP, SOIC
Top View
Pin Name
Function
A0 - A10
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
Pin Configurations
TSOP
Top View
0308A
AT28BV16
2-119


Similar Part No. - AT28BV16-25SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20 ATMEL-AT28BV256-20 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JI ATMEL-AT28BV256-20JI Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
More results

Similar Description - AT28BV16-25SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
Microchip Technology
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com