Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV520-90XI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27LV520-90XI
Description  512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV520-90XI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27LV520-90XI Datasheet HTML 2Page - ATMEL Corporation AT27LV520-90XI Datasheet HTML 3Page - ATMEL Corporation AT27LV520-90XI Datasheet HTML 4Page - ATMEL Corporation AT27LV520-90XI Datasheet HTML 5Page - ATMEL Corporation AT27LV520-90XI Datasheet HTML 6Page - ATMEL Corporation AT27LV520-90XI Datasheet HTML 7Page - ATMEL Corporation AT27LV520-90XI Datasheet HTML 8Page - ATMEL Corporation AT27LV520-90XI Datasheet HTML 9Page - ATMEL Corporation AT27LV520-90XI Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AT27LV520
7
AC Programming Characteristics*
TA = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Notes:
1. VCC must be applied simultaneously or before OE/VPP and removed simultaneously or after OE/VPP.
2. Program Pulse width tolerance is 50
µsec ± 5%.
3. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven
— see timing diagram.
Symbol
Parameter(1)
Test Conditions
Limits
Units
Min
Max
tALE
Address Latch Enable Width
Input Rise and Fall Times
(10% to 90%) 20 ns
Input Pulse Levels
0.45V to 2.4V
Input Timing Reference Level
0.8V to 2.0V
Output Timing Reference Level
0.8V to 2.0V
500
ns
tLAS
Latched Address Setup Time
100
ns
tLAH
Latched Address Hold Time
100
ns
tLP
ALE Low to OE/VPP High Voltage Delay
2
µs
tOES
OE/VPP Setup Time
2
µs
tOEH
OE/VPP Hold Time
2
µs
tDS
Data Setup Time
2
µs
tDH
Data Hold Time
2
µs
tPW
ALE Program Pulse Width(2)
47.5
52.5
µs
tVR
OE/VPP Recovery Time
2
µs
tVCS
VCC Setup Time
2
µs
tOE
Data Valid from OE/VPP
150
ns
tDFP
OE/VPP High to Output Float Delay
(4)
0130
ns
tAS
Address Setup Time
2
µs
tAH
Address Hold Time
0
µs
tPRT
OE/VPP Pulse Rise Time During
Programming
50
ns
Atmel’s 27LV520 Integrated Product Identification Code
Codes
Pins
Hex
Data
A8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Manufacturer
0
0
0011
110
1E
Device Type
1
1
0011
101
9D


Similar Part No. - AT27LV520-90XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
More results

Similar Description - AT27LV520-90XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com