Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP803SN232T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP803SN232T1G
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP803SN232T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP803SN232T1G Datasheet HTML 1Page - ON Semiconductor NCP803SN232T1G Datasheet HTML 2Page - ON Semiconductor NCP803SN232T1G Datasheet HTML 3Page - ON Semiconductor NCP803SN232T1G Datasheet HTML 4Page - ON Semiconductor NCP803SN232T1G Datasheet HTML 5Page - ON Semiconductor NCP803SN232T1G Datasheet HTML 6Page - ON Semiconductor NCP803SN232T1G Datasheet HTML 7Page - ON Semiconductor NCP803SN232T1G Datasheet HTML 8Page - ON Semiconductor NCP803SN232T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2013
June, 2013 − Rev. 7
1
Publication Order Number:
MAX803/D
MAX803 Series,
NCP803 Series
Very Low Supply Current
3-Pin Microprocessor
Reset Monitor
The MAX803/NCP803 is a cost−effective system supervisor circuit
designed to monitor VCC in digital systems and provide a reset signal to
the host processor when necessary. No external components are
required.
The reset output is driven active within 10
msec of VCC falling
through the reset voltage threshold. Reset is maintained active for a
timeout period which is trimmed by the factory after VCC rises above
the reset threshold. The MAX803/NCP803 has an open drain
active−low RESET output. Both devices are available in SOT−23 and
SC−70 packages.
The MAX803/NCP803 is optimized to reject fast transient glitches
on the VCC line. Low supply current of 0.5
mA (VCC = 3.2 V) make
these devices suitable for battery powered applications.
Features
Precision VCC Monitor for 1.5 V, 2.5 V, 3.0 V, 3.3 V, and 5.0 V
Supplies
Precision Monitoring Voltages from 1.2 V to 4.9 V Available
in 100 mV Steps
Four Guaranteed Minimum Power−On Reset Pulse Width Available
(1 ms, 20 ms, 100 ms, and 140 ms)
RESET Output Guaranteed to VCC = 1.0 V
Low Supply Current
VCC Transient Immunity
No External Components
Wide Operating Temperature: −40°C to 105°C
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Computers
Embedded Systems
Battery Powered Equipment
Critical Microprocessor Power Supply Monitoring
VCC
VCC
VCC
RESET
RESET
MAX803
NCP803
GND
GND
Figure 1. Typical Application Diagram
mP
0
0
Rpull−up
C = 100 nF
SOT−23
(TO−236)
CASE 318
PIN CONFIGURATION
3
1
2
VCC
GND
RESET
SOT−23/SC−70
(Top View)
MARKING
DIAGRAM
3
2
12
1
3
http://onsemi.com
xxx MG
G
xxx
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
xx MG
G
1
SC−70
(SOT−323)
CASE 419
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NCP803SN232T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN232T1G ONSEMI-NCP803SN232T1G Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN232T1G ONSEMI-NCP803SN232T1G Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN232T1G ONSEMI-NCP803SN232T1G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN232T1G ONSEMI-NCP803SN232T1G Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
More results

Similar Description - NCP803SN232T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com