Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C64-10PI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C64-10PI
Description  2-Wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C64-10PI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C64-10PI Datasheet HTML 1Page - ATMEL Corporation AT24C64-10PI Datasheet HTML 2Page - ATMEL Corporation AT24C64-10PI Datasheet HTML 3Page - ATMEL Corporation AT24C64-10PI Datasheet HTML 4Page - ATMEL Corporation AT24C64-10PI Datasheet HTML 5Page - ATMEL Corporation AT24C64-10PI Datasheet HTML 6Page - ATMEL Corporation AT24C64-10PI Datasheet HTML 7Page - ATMEL Corporation AT24C64-10PI Datasheet HTML 8Page - ATMEL Corporation AT24C64-10PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Features
Low-Voltage and Standard-Voltage Operation
– 5.0 (V
CC = 4.5V to 5.5V)
– 2.7 (V
CC = 2.7V to 5.5V)
– 2.5 (V
CC = 2.5V to 5.5V)
– 1.8 (V
CC = 1.8V to 5.5V)
Low-Power Devices (I
SB = 2 µ
µµµA @ 5.5V) Available
Internally Organized 4096 x 8, 8192 x 8
2-Wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
100 kHz (1.8V, 2.5V, 2.7V) and 400 kHz (5V) Compatibility
Write Protect Pin for Hardware Data Protection
32-Byte Page Write Mode (Partial Page Writes Allowed)
Self-Timed Write Cycle (10 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
– ESD Protection: >3,000V
Automotive Grade and Extended Temperature Devices Available
8-Pin JEDEC PDIP, 8-Pin and 14-Pin JEDEC SOIC, 8-Pin EIAJ SOIC,
and 8-pin TSSOP Packages
Description
The AT24C32/64 provides 32,768/65,536 bits of serial electrically erasable and pro-
grammable read only memory (EEPROM) organized as 4096/8192 words of 8 bits
each. The device’s cascadable feature allows up to 8 devices to share a common 2-
wire bus. The device is optimized for use in many industrial and commercial applica-
tions where low power and low voltage operation are essential. The AT24C32/64 is
available in space saving 8-pin JEDEC PDIP, 8-pin and 14-pin JEDEC SOIC, 8-pin
EIAJ SOIC, and 8-pin TSSOP packages and is accessed via a 2-wire serial interface.
In addition, the entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to 5.5V),
2.5V (2.5V to 5.5V) and 1.8V (1.8V to 5.5V) versions.
2-Wire
Serial EEPROM
32K (4096 x 8)
64K (8192 x 8)
AT24C32
AT24C64
Rev. 0336F–08/98
2-Wire, 32K
Serial E
2PROM
Pin Configurations
Pin Name
Function
A0 to A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
8-Pin PDIP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-Pin SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
14-Pin SOIC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
A0
A1
NC
A2
GND
NC
NC
VCC
WP
NC
SCL
SDA
NC
8-Pin TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - AT24C64-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64-10PI-1.8 ATMEL-AT24C64-10PI-1.8 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C64-10PI-2.7 ATMEL-AT24C64-10PI-2.7 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C64-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com