Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C2048-12JI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C2048-12JI
Description  2-Megabit 128K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C2048-12JI Datasheet(HTML) 9 Page - ATMEL Corporation

  AT27C2048-12JI Datasheet HTML 1Page - ATMEL Corporation AT27C2048-12JI Datasheet HTML 2Page - ATMEL Corporation AT27C2048-12JI Datasheet HTML 3Page - ATMEL Corporation AT27C2048-12JI Datasheet HTML 4Page - ATMEL Corporation AT27C2048-12JI Datasheet HTML 5Page - ATMEL Corporation AT27C2048-12JI Datasheet HTML 6Page - ATMEL Corporation AT27C2048-12JI Datasheet HTML 7Page - ATMEL Corporation AT27C2048-12JI Datasheet HTML 8Page - ATMEL Corporation AT27C2048-12JI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AT27C2048
9
Ordering Information
tACC
(ns)
ICC (mA)
Active
Standby
Ordering Code
Package
Operation Range
55
35
0.1
AT27C2048-55JC
AT27C2048-55PC
AT27C2048-55VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
35
0.1
AT27C2048-55JI
AT27C2048-55PI
AT27C2048-55VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
70
35
0.1
AT27C2048-70JC
AT27C2048-70PC
AT27C2048-70VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
35
0.1
AT27C2048-70JI
AT27C2048-70PI
AT27C2048-70VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
90
35
0.1
AT27C2048-90JC
AT27C2048-90PC
AT27C2048-90VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
35
0.1
AT27C2048-90JI
AT27C2048-90PI
AT27C2048-90VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
120
35
0.1
AT27C2048-12JC
AT27C2048-12PC
AT27C2048-12VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
35
0.1
AT27C2048-12JI
AT27C2048-12PI
AT27C2048-12VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
150
35
0.1
AT27C2048-15JC
AT27C2048-15PC
AT27C2048-15VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
35
0.1
AT27C2048-15JI
AT27C2048-15PI
AT27C2048-15VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
Package Type
44J
44 Lead, Plastic J-Leaded Chip Carrier (PLCC)
40P6
40 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
40V
40 Lead, Plastic Thin Small Outline Package (TSOP) 10 x 14 mm


Similar Part No. - AT27C2048-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048-55JI ATMEL-AT27C2048-55JI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55JU ATMEL-AT27C2048-55JU Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55PI ATMEL-AT27C2048-55PI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55PU ATMEL-AT27C2048-55PU Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55VI ATMEL-AT27C2048-55VI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
More results

Similar Description - AT27C2048-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com