Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV1026-55VI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27LV1026-55VI
Description  1-Megabit 2 x 32K x 16 16-Bit Interleaved Low-Voltage OTP EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV1026-55VI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27LV1026-55VI Datasheet HTML 1Page - ATMEL Corporation AT27LV1026-55VI Datasheet HTML 2Page - ATMEL Corporation AT27LV1026-55VI Datasheet HTML 3Page - ATMEL Corporation AT27LV1026-55VI Datasheet HTML 4Page - ATMEL Corporation AT27LV1026-55VI Datasheet HTML 5Page - ATMEL Corporation AT27LV1026-55VI Datasheet HTML 6Page - ATMEL Corporation AT27LV1026-55VI Datasheet HTML 7Page - ATMEL Corporation AT27LV1026-55VI Datasheet HTML 8Page - ATMEL Corporation AT27LV1026-55VI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AT27LV1026
2
This device is internally architected as two 32K x 16 mem-
ory banks, odd and even. To begin a non-linear access
NLA cycle, (which typically equals a minimum of two linear
access LA cycles), ALE is asserted high and CS is
asserted low. The two internal 15-bit counters store the
address for the odd and even banks and increment alter-
nately during each subsequent linear access LA cycle. The
LA cycle will be terminated when CS is asserted high put-
ting the device in standby mode, or another NLA cycle
starts. The LA cycle can be resumed when CS is asserted
low and ALE stays low. The AT27LV1026 will continuously
output data within each LA cycle which is determined by
the read RD signal. Continuous interleave read operation is
possible as there is no physical limit to the linear access LA
output. When the last address in the array is reached the
counters will wrap around to the first address location and
continue.
For a NLA cycle where A0 = 0 (ALE asserted high, CS
asserted low), both even and odd counters will be loaded
with new address (A1 - A15). Outputs (O0 - O15) from the
even bank will be valid in t
ACCNLA within the NLA cycle, the
outputs from the odd bank will become valid in tACCLA within
the following LA cycle while the even counter increments
by one to ready the data out for the next LA cycle. The out-
puts will have even or odd data alternating and the
counters increment for the consecutive LA cycles until CS
is asserted high putting the device in standby mode, or a
new NLA cycle begins.
For a NLA cycle where A0 = 1 (ALE asserted high, CS
asserted low), the odd counter will be loaded with the new
address (A1 - A15) while the even counter gets loaded with
the new address+1. Outputs (O0 - O15) from odd bank of
memory will be valid in t
ACCNLA within the NLA cycle, the
data output from the even bank of memory will become
valid in t
ACCLA within the following LA cycle while the odd
counter increments by one to ready the data out for the
next LA cycle. The outputs will have data from the odd or
even memory bank alternately and the counters increment
for the following consecutive LA cycles until CS is asserted
high putting the device in standby mode, or a new NLA
cycle begins. When coming out of standby mode, the
device can either enter into a new NLA cycle or resume
where the previous LA operation left off and was termi-
nated by standby mode.
System Considerations
Switching under active conditions may produce transient
voltage excursions. Unless accommodated by the system
design, these transients may exceed data sheet limits,
resulting in device non-conformance. At a minimum, a 0.1
µF high frequency, low inherent inductance, ceramic
capacitor should be utilized for each device. This capacitor
should be connected between the V
CC and Ground termi-
nals of the device, as close to the device as possible. Addi-
tionally, to stabilize the supply voltage level on printed cir-
cuit boards with large EPROM arrays, a 4.7
µF bulk elec-
trolytic capacitor should be utilized, again connected
between the V
CC and Ground terminals. This capacitor
should be positioned as close as possible to the point
where the power supply is connected to the array.
Operating Table
If A0 = 0 at beginning of NLA cycle:
If A0 = 1 at beginning of NLA cycle:
and so on.
and so on.
Consecutive
Cycle
Counter
Outputs
Consecutive
Cycle
Counter
Outputs
Even
Odd
Even
Odd
NLA
Address
Address
from Even Bank
NLA
Address+1
Address
from Odd Bank
LA
+1
-
from Odd Bank
LA
-
+1
from Even Bank
LA
-
+1
from Even Bank
LA
+1
-
from Odd Bank
LA
+1
-
from Odd Bank
LA
-
+1
from Even Bank
LA
-
+1
from Even Bank
LA
+1
-
from Odd Bank
Standby
HiZ
Standby
HiZ
LA
+1
-
from Odd Band
LA
-
+1
from Even Bank
LA
-
+1
from Even Bank
LA
+1
-
from Odd Band


Similar Part No. - AT27LV1026-55VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
785Kb / 12P
   Dual voltage range operation
AT27LV010A-12 ATMEL-AT27LV010A-12 Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12JC ATMEL-AT27LV010A-12JC Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV1026-55VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
   512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C516 ATMEL-AT27C516 Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com