Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4353 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4353
Description  Secondary Side SMPS OFF Mode Controller for Low Standby Power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4353 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4353 Datasheet HTML 2Page - ON Semiconductor NCP4353 Datasheet HTML 3Page - ON Semiconductor NCP4353 Datasheet HTML 4Page - ON Semiconductor NCP4353 Datasheet HTML 5Page - ON Semiconductor NCP4353 Datasheet HTML 6Page - ON Semiconductor NCP4353 Datasheet HTML 7Page - ON Semiconductor NCP4353 Datasheet HTML 8Page - ON Semiconductor NCP4353 Datasheet HTML 9Page - ON Semiconductor NCP4353 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP4353, NCP4354
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 3. VREF at VCC = 15 V
Figure 4. VREF at TJ = 255C
Figure 5. VREFC at VCC = 15 V
1.29
1.28
1.27
1.26
1.25
1.24
1.23
1.22
−40
−20
0
20
40
60
80
100
120
TJ, JUNCTION TEMPERATURE (°C)
1.29
1.28
1.27
1.26
1.25
1.24
1.23
1.22
0
6
12
18
24
30
36
VCC (V)
63
−40
−20
0
20
40
60
80
100
120
TJ, JUNCTION TEMPERATURE (°C)
62.9
62.8
62.7
62.6
62.5
62.4
62.3
62.2
62.1
62
Figure 6. VREFC at TJ = 255C
63
62.9
62.8
62.7
62.6
62.5
62.4
62.3
62.2
62.1
62
0
6
12
18
24
30
36
VCC (V)
410
−40
−20
0
20
40
60
80
100
120
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. VREFM at VCC = 15 V
400
390
380
370
360
350
410
400
390
380
370
360
350
0
6
12
18
24
30
36
VCC (V)
Figure 8. VREFM at TJ = 25 5C


Similar Part No. - NCP4353

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353 Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4353A ONSEMI-NCP4353A Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4353ASNT1G ONSEMI-NCP4353ASNT1G Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4353B ONSEMI-NCP4353B Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4353BSNT1G ONSEMI-NCP4353BSNT1G Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
More results

Similar Description - NCP4353

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com