Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4353A Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP4353A
Description  Secondary Side SMPS OFF Mode Controller for Low Standby Power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4353A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP4353A Datasheet HTML 4Page - ON Semiconductor NCP4353A Datasheet HTML 5Page - ON Semiconductor NCP4353A Datasheet HTML 6Page - ON Semiconductor NCP4353A Datasheet HTML 7Page - ON Semiconductor NCP4353A Datasheet HTML 8Page - ON Semiconductor NCP4353A Datasheet HTML 9Page - ON Semiconductor NCP4353A Datasheet HTML 10Page - ON Semiconductor NCP4353A Datasheet HTML 11Page - ON Semiconductor NCP4353A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NCP4353, NCP4354
http://onsemi.com
8
TYPICAL CHARACTERISTICS
120
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20
40
60
80
100
120
115
110
105
100
95
90
85
80
75
70
Figure 15. ICC in OFF Mode at VCC = 15 V,
VSNS < VSNSBIASTH, for NCP4354A
VCC (V)
0
6
12
18
24
30
36
120
115
110
105
100
95
90
85
80
75
70
Figure 16. ICC in OFF Mode at TJ = 255C,
VSNS < VSNSBIASTH, for NCP4354A
120
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20
40
60
80
100
120
115
110
105
100
95
90
85
80
75
70
Figure 17. ICC in Regulation at VCC = 15 V for
NCP4354B
VCC (V)
0
6
12
18
24
30
36
120
115
110
105
100
95
90
85
80
75
70
Figure 18. ICC in Regulation at TJ = 255C for
NCP4354B
120
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20
40
60
80
100
120
115
110
105
100
95
90
85
80
75
70
Figure 19. ICC in OFF Mode at VCC = 15 V,
VSNS < VSNSBIASTH, for NCP4354B
120
115
110
105
100
95
90
85
80
75
70
VCC (V)
0
6
12
18
24
30
36
Figure 20. ICC in OFF Mode at TJ = 255C,
VSNS < VSNSBIASTH, for NCP4354B


Similar Part No. - NCP4353A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353A ONSEMI-NCP4353A Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4353ASNT1G ONSEMI-NCP4353ASNT1G Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
More results

Similar Description - NCP4353A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com