Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4354A Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4354A
Description  Secondary Side SMPS OFF Mode Controller for Low Standby Power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4354A Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4354A Datasheet HTML 1Page - ON Semiconductor NCP4354A Datasheet HTML 2Page - ON Semiconductor NCP4354A Datasheet HTML 3Page - ON Semiconductor NCP4354A Datasheet HTML 4Page - ON Semiconductor NCP4354A Datasheet HTML 5Page - ON Semiconductor NCP4354A Datasheet HTML 6Page - ON Semiconductor NCP4354A Datasheet HTML 7Page - ON Semiconductor NCP4354A Datasheet HTML 8Page - ON Semiconductor NCP4354A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP4353, NCP4354
http://onsemi.com
3
SW1
VREF
VREFM
VCC
management
Power
RESET
VDD
Voltage
Regulation
Off Mode
Detection
1 kHz, 12% D.C.
Oscillator
IDRIVEOFF
SW3
IBIASV
VREFC
Current
Regulation
OTA
VDD
Power
RESET
OTA
VCC
ISNS
SW2
LED
VSNS
GND
OFFDET
Min Output
Voltage
DRIVE
Sink only
Sink only
VMIN
VREF
IBIASV
Enabling
0.9 x VREF
VCC
Power RESET
S
R
Q
Q
10%VCC
NCP4354A
SW1
VREF
VREFM
VCC
management
Power
RESET
VDD
Voltage
Regulation
Off Mode
Detection
1 kHz, 12% D.C.
Oscillator
IDRIVEOFF
SW3
IBIASV
VDD
Power
RESET
OTA
VCC
SW2
LED
VSNS
GND
OFFDET
Min Output
Voltage
FBC
Sink only
VMIN
VREF
IBIASV
Enabling
0.9 x VREF
VCC
Power RESET
S
R
Q
Q
10%VCC
ON/OFF
NCP4354B
Figure 2. Simplified Block Diagrams NCP4354A and NCP4354B


Similar Part No. - NCP4354A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4354A ONSEMI-NCP4354A Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
More results

Similar Description - NCP4354A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com