Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C1024-12JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C1024-12JC
Description  1-Megabit 64K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024-12JC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C1024-12JC Datasheet HTML 1Page - ATMEL Corporation AT27C1024-12JC Datasheet HTML 2Page - ATMEL Corporation AT27C1024-12JC Datasheet HTML 3Page - ATMEL Corporation AT27C1024-12JC Datasheet HTML 4Page - ATMEL Corporation AT27C1024-12JC Datasheet HTML 5Page - ATMEL Corporation AT27C1024-12JC Datasheet HTML 6Page - ATMEL Corporation AT27C1024-12JC Datasheet HTML 7Page - ATMEL Corporation AT27C1024-12JC Datasheet HTML 8Page - ATMEL Corporation AT27C1024-12JC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AT27C1024
4
DC and AC Operating Conditions for Read Operation
DC and Operating Characteristics for Read Operation
Note:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and
IPP.
AC Characteristics for Read Operation
Notes:
2, 3, 4, 5. - see AC Waveforms for Read Operation.
AT27C1024
-45-55
-70-90
-12-15
Operating
Temperature
(Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
± 1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
± 5
µA
IPP1(2)
VPP
(1)) Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
30
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA2.4
V
AT27C1024
Units
-45
-55
-70
-90
-12
-15
Symbol
Parameter
Condition
Min Max Min Max Min Max Min Max Min Max Min Max
tACC
(3)
Address to
Output Delay
CE = OE
= VIL
45
55
70
90
120
150
ns
tCE
(2)
CE to Output
Delay
OE = VIL
45
55
70
90
120
150
ns
tOE
(2)(3)
OE to Output
Delay
CE = VIL
20
25
25
30
35
50
ns
tDF
(4)(5)
OE or CE High to Output Float,
whichever occurred first
20
25
25
30
30
40
ns
tOH
Output Hold from
Address, CE or OE,
whichever occurred first
777000
ns


Similar Part No. - AT27C1024-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024-45JI ATMEL-AT27C1024-45JI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C1024-45PI ATMEL-AT27C1024-45PI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C1024-45VI ATMEL-AT27C1024-45VI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C1024-70JI ATMEL-AT27C1024-70JI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C1024-70PI ATMEL-AT27C1024-70PI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
More results

Similar Description - AT27C1024-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com