Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C256R-70RI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C256R-70RI
Description  256K 32K x 8 OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C256R-70RI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C256R-70RI Datasheet HTML 1Page - ATMEL Corporation AT27C256R-70RI Datasheet HTML 2Page - ATMEL Corporation AT27C256R-70RI Datasheet HTML 3Page - ATMEL Corporation AT27C256R-70RI Datasheet HTML 4Page - ATMEL Corporation AT27C256R-70RI Datasheet HTML 5Page - ATMEL Corporation AT27C256R-70RI Datasheet HTML 6Page - ATMEL Corporation AT27C256R-70RI Datasheet HTML 7Page - ATMEL Corporation AT27C256R-70RI Datasheet HTML 8Page - ATMEL Corporation AT27C256R-70RI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Block Diagram
Temperature Under Bias ................ -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground......................... -2.0V to +7.0V
(1)
Voltage on A9 with
Respect to Ground ...................... -2.0V to +14.0V
(1)
VPP Supply Voltage with
Respect to Ground....................... -2.0V to +14.0V
(1)
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note:
1. Minimum voltage is -0.6V dc which may undershoot
to -2.0V for pulses of less than 20 ns. Maximum out-
put pin voltage is VCC + 0.75V dc which may over-
shoot to +7.0V for pulses of less than 20 ns.
Absolute Maximum Ratings*
Operating Modes
Mode \ Pin
CE
OE
Ai
VPP
Outputs
Read
VIL
VIL
Ai
VCC
DOUT
Output Disable
VIL
VIH
X
(1)
VCC
High Z
Standby
VIH
X
(1)
X
(1)
VCC
High Z
Rapid Program (2)
VIL
VIH
Ai
VPP
DIN
PGM Verify (2)
X
(1)
VIL
Ai
VPP
DOUT
Optional PGM Verify (2)
VIL
VIL
Ai
VCC
DOUT
PGM Inhibit (2)
VIH
VIH
X
(1)
VPP
High Z
Product Identification (4)
VIL
VIL
A9 = VH
(3)
A0 = VIH or VIL
A1 - A14 = VIL
VCC
Identification
Code
Notes: 1. X can be VIL or VIH.
2. Refer to Programming characteristics.
3. VH = 12.0
± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs
are held low (VIL), except A9 which is set to VH and A0
which is toggled low (VIL) to select the Manufacturer’s Identi-
fication byte and high (VIH) to select the Device Code byte.
AT27C256R
3-127


Similar Part No. - AT27C256R-70RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-70RI ATMEL-AT27C256R-70RI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
More results

Similar Description - AT27C256R-70RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com