Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C080-12JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C080-12JI
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-12JI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C080-12JI Datasheet HTML 1Page - ATMEL Corporation AT27C080-12JI Datasheet HTML 2Page - ATMEL Corporation AT27C080-12JI Datasheet HTML 3Page - ATMEL Corporation AT27C080-12JI Datasheet HTML 4Page - ATMEL Corporation AT27C080-12JI Datasheet HTML 5Page - ATMEL Corporation AT27C080-12JI Datasheet HTML 6Page - ATMEL Corporation AT27C080-12JI Datasheet HTML 7Page - ATMEL Corporation AT27C080-12JI Datasheet HTML 8Page - ATMEL Corporation AT27C080-12JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AT27C080
3
Absolute Maximum Ratings*
Temperature Under Bias ...................-55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions beyond those
indicated in the operational sections of this
specification is not implied. Exposure to abso-
lute maximum rating conditions for extended
periods may affect device reliability.
Note:
1.
Minimum voltage is -0.6V DC which may
undershoot to -2.0V for pulses of less than 20
ns. Maximum output pin voltage is VCC +
0.75V DC which may overshoot to +7.0V for
pulses of less than 20 ns.
Storage Temperature.........................-65°C to +150°C
Voltage on Any Pin with
Respect to Ground ............................-2.0V to +7.0V
(1)
Voltage on A9 with
Respect to Ground .........................-2.0V to +14.0V(1)
V
PP Supply Voltage with
Respect to Ground ..........................-2.0V to +14.0V(1)
Integrated UV Erase Dose................ 7258 W•sec/cm2
Operating Modes
Notes:
1. X can be V
IL or VIH.
2. Refer to Programming Characteristics.
3. V
H = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (V
IL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Mode/Pin
CE
OE/V
PP
Ai
Outputs
Read
V
IL
V
IL
Ai
D
OUT
Output Disable
X
V
IH
X(1)
High Z
Standby
V
IH
XX
High Z
Rapid Program(2)
V
IL
V
PP
Ai
D
IN
PGM Verify
V
IL
V
IL
Ai
D
OUT
PGM Inhibit
V
IH
V
PP
XHigh Z
Product Identification(4)
V
IL
V
IL
A9 = V
H
(3)
A0 = V
IH or VIL
A1 - A19 = V
IL
Identification Code
Block Diagram


Similar Part No. - AT27C080-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080-90JI ATMEL-AT27C080-90JI Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90JU ATMEL-AT27C080-90JU Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90PI ATMEL-AT27C080-90PI Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90PU ATMEL-AT27C080-90PU Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90TI ATMEL-AT27C080-90TI Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
More results

Similar Description - AT27C080-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C800 ATMEL-AT27C800 Datasheet
177Kb / 10P
   8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
   2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com