Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C17-15PC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT28C17-15PC
Description  16K 2K x 8 CMOS E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C17-15PC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT28C17-15PC Datasheet HTML 1Page - ATMEL Corporation AT28C17-15PC Datasheet HTML 2Page - ATMEL Corporation AT28C17-15PC Datasheet HTML 3Page - ATMEL Corporation AT28C17-15PC Datasheet HTML 4Page - ATMEL Corporation AT28C17-15PC Datasheet HTML 5Page - ATMEL Corporation AT28C17-15PC Datasheet HTML 6Page - ATMEL Corporation AT28C17-15PC Datasheet HTML 7Page - ATMEL Corporation AT28C17-15PC Datasheet HTML 8Page - ATMEL Corporation AT28C17-15PC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AT28C17-15
Symbol
Parameter
Min
Max
Units
tACC
Address to Output Delay
150
ns
tCE
(1)
CE to Output Delay
150
ns
tOE
(2)
OE to Output Delay
10
70
ns
tDF
(3, 4)
CE or OE High to Output Float
0
50
ns
tOH
Output Hold from OE, CE or
Address, whichever occurred first
0ns
AC Read Characteristics
Notes: 1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE or by tACC - tOE
after an address change without impact on tACC.
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 20 ns
Input Test Waveforms and
Measurement Level
Output Test Load
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Pin Capacitance (f = 1 MHz, T = 25°C)
(1)
Note:
1. This parameter is characterized and is not 100% tested.
AT28C17
2-187


Similar Part No. - AT28C17-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
More results

Similar Description - AT28C17-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
   16K 2K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com